Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9721-1A-12DC1D3 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9721-1A-12DC1D3
Description  40 AMP AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9721-1A-12DC1D3 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9721-1A-12DC1D3 Datasheet HTML 1Page - American Zettler, Inc. AZ9721-1A-12DC1D3 Datasheet HTML 2Page - American Zettler, Inc. AZ9721-1A-12DC1D3 Datasheet HTML 3Page - American Zettler, Inc. AZ9721-1A-12DC1D3 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZ
9/3/98W
AZ9721
40 AMP
AUTOMOTIVE
RELAY
FEATURES
• 40 Amp contact rating
• High momentary carry current (60A)
• SPST (1 Form A), SPDT (1 Form C)
• Quick connect terminals
• Metal or plastic mounting bracket available
• Resistor or diode parallel to coil available
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 480 W (SPST)
480 W (N.O.)
360 W (N.C.)
Max. switched current: 40 A (SPST)
40 A (N.O.)
30 A (N.C.)
Max. switched voltage: 75 VDC
Minimum Load
5 VDC, 0.1 A
Material
Silver alloy
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at rated load
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
10 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
750 Vrms coil to contact
(at sea level for 1 min.) 750 Vrms contact to contact
Insulation Resistance
100 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-55°C (-67°F) to 70°C (158°F)
Storage
-55°C (-67°F) to 155°C (311°F)
Vibration
0.062" DA at 20-200 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Copper alloy
0.25 Quick Connect
Weight
40 grams
COIL
Power
At Pickup Voltage
0.76 W
(typical)
Max. Continuous
4.0 W at 20°C (68°F)
Dissipation
Temperature Rise
63°C (113°F) at nominal coil voltage
Temperature
Max. 155°C (311°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ9721-1A-12DC1D3

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9720-01F AMAZING-AZ9720-01F Datasheet
244Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
AZ9720-01F.R7G AMAZING-AZ9720-01F.R7G Datasheet
244Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
logo
American Zettler, Inc.
AZ9722 AZETTLER-AZ9722 Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ9722-1A-12D AZETTLER-AZ9722-1A-12D Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ9722-1A-24D AZETTLER-AZ9722-1A-24D Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results

Similar Description - AZ9721-1A-12DC1D3

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
   40 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ970 AZETTLER-AZ970 Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ970E AZETTLER-AZ970E Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com