Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB28AT3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 1SMB28AT3
Description  PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB28AT3 Datasheet(HTML) 3 Page - Motorola, Inc

  1SMB28AT3 Datasheet HTML 1Page - Motorola, Inc 1SMB28AT3 Datasheet HTML 2Page - Motorola, Inc 1SMB28AT3 Datasheet HTML 3Page - Motorola, Inc 1SMB28AT3 Datasheet HTML 4Page - Motorola, Inc 1SMB28AT3 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GENERAL DATA — 600 WATT PEAK POWER
Motorola TVS/Zener Device Data
5-3
600 Watt Peak Power Data Sheet
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2
tP, PULSE WIDTH
1
10
100
0.1
µs1 µs10 µs
100
µs
1 ms
10 ms
0.1
Figure 1. Pulse Rating
Curve
01
2
3
4
0
50
100
t, TIME (ms)
HALF VALUE –
IRSM
2
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50%
OF IRSM.
PEAK VALUE – IRSM
tr
tP
tr ≤ 10 µs
Figure 2. Pulse Waveform
TYPICAL PROTECTION CIRCUIT
Vin
VL
Zin
LOAD
Figure 3. Pulse Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
120
140
160
APPLICATION NOTES
RESPONSE TIME
In most applications, the transient suppressor device is
placed in parallel with the equipment or component to be
protected. In this situation, there is a time delay associated
with the capacitance of the device and an overshoot condition
associated with the inductance of the device and the
inductance of the connection method. The capacitive effect is
of minor importance in the parallel protection scheme because
it only produces a time delay in the transition from the
operating voltage to the clamp voltage as shown in Figure 4.
The inductive effects in the device are due to actual turn-on
time (time required for the device to go from zero current to full
current) and lead inductance. This inductive effect produces
an overshoot in the voltage across the equipment or
component being protected as shown in Figure 5. Minimizing
this overshoot is very important in the application, since the
main purpose for adding a transient suppressor is to clamp
voltage spikes. The SMB series have a very good response
time, typically < 1 ns and negligible inductance. However,
external inductive effects could produce unacceptable over-
shoot. Proper circuit layout, minimum lead lengths and placing
the suppressor device as close as possible to the equipment
or components to be protected will minimize this overshoot.
Some input impedance represented by Zin is essential to
prevent overstress of the protection device. This impedance
should be as high as possible, without restricting the circuit
operation.
DUTY CYCLE DERATING
The data of Figure 1 applies for non-repetitive conditions
and at a lead temperature of 25
°C. If the duty cycle increases,
the peak power must be reduced as indicated by the curves of
Figure 6. Average power must be derated as the lead or
ambient temperature rises above 25
°C. The average power
derating curve normally given on data sheets may be
normalized and used for this purpose.
At first glance the derating curves of Figure 6 appear to be in
error as the 10 ms pulse has a higher derating factor than the
10
µs pulse. However, when the derating factor for a given
pulse of Figure 6 is multiplied by the peak power value of
Figure 1 for the same pulse, the results follow the expected
trend.


Similar Part No. - 1SMB28AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB28AT3 ONSEMI-1SMB28AT3 Datasheet
69Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB28AT3G ONSEMI-1SMB28AT3G Datasheet
69Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB28AT3G ONSEMI-1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB28AT3G ONSEMI-1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB28AT3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZP6SMB LITTELFUSE-SZP6SMB Datasheet
652Kb / 7P
   Surface Mount > 600W Zener Transient Overvoltage Suppressors
Revised: GD. 01/08/21
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1SMB15CAT3 ONSEMI-1SMB15CAT3 Datasheet
58Kb / 6P
   PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V, 600 W PEAK POWER
April, 2004 ??Rev. 5
MR2535L ONSEMI-MR2535L Datasheet
63Kb / 5P
   Overvoltage Transient Suppressors
June, 2006 ??Rev. 7
logo
DIOTEC Electronics Corp...
TSBD-5000S-1A DEC-TSBD-5000S-1A Datasheet
63Kb / 1P
   50 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
DR2535L DEC-DR2535L Datasheet
92Kb / 1P
   25 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com