Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121201 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 121201
Description  Brad짰 mPm짰 DIN Valve Connectors New Generation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

121201 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  121201 Datasheet HTML 1Page - Molex Electronics Ltd. 121201 Datasheet HTML 2Page - Molex Electronics Ltd. 121201 Datasheet HTML 3Page - Molex Electronics Ltd. 121201 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Brad® mpm® dIn Valve
connectors
new Generation
121202 dIn Industrial Form
121208 dIn Industrial
Form + circuit
121203 dIn Form B
121209 dIn Form B+circuit
technIcal descrIptIon
Industrial Form:
EN175301-803
(ex DIN 43650), Form B:
121202 - Series C222 2 poles + ground
121208 - Series S222 2 poles + ground
ELECTRONIC CIRCUIT*
121203 - Series C922 2 poles + ground
121209 - Series S922 2 poles + ground
ELECTRONIC CIRCUIT*
27
20,8
5,5
10±0,1
20,8
11±0,1
C 222
C 922
specIFIcatIons
Reference Information
Packaging: Single pack or bulk components
Mechanical
Contact distance:
222
11 ±0,1
922
10 ±0,1
Housing:
Glass-filled Polyamide
Ø cable range:
4.00 to 9.00mm
Electrical
Voltage rating:
AC
Max. 250V
DC
Max. 300V
Max. current
16.0A
Contact resistance
≤ 4mOhm
Max. conductor
1,5mm²/AWG16
Environmental
Protection class:
IP67 EN60529
Gasket material:
Nitrile Rubber:
-40 to +90°C
Silicon:
-40 to +125°C
C 2 2 2 0 0 N 0 R
Series
Colour
Gasket - screw
2 = Industrial Form
9 = DIN 43650, Form B (Not available with integrated gasket)
N = Black
Gray
R = Integrated gasket in Nitrile Rubber + fixing screw IP67 (Not available for model C922)
S = Integrated gasket in Silicon + fixing screw IP67 (Not available for model C922)
G =
T = Transparent
Order (EDP) N°
Engineering N°
1 2 1 2 0 2 0 0 0 2
Types
C = without circuit
S = with circuit
CN
Packaging
CN = Bulk packaging
The Order Number shown is the equivalent of Engineering Number C22200N0RCN only
orderInG InForMatIon
*Anextensiverangeofstandardelectroniccircuitisavailable.ForexampleLEDilluminatingdevices,VDRdiodestoofferprotectionagainstovervoltageorpeaks.


Similar Part No. - 121201

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
121201 ADELS-121201 Datasheet
116Kb / 2P
   230/ 1
logo
Molex Electronics Ltd.
1212010001 MOLEX-1212010001 Datasheet
579Kb / 2P
   TYPE A ASSEMBLY SERIES 121201
2022/01/28
1212010002 MOLEX-1212010002 Datasheet
579Kb / 2P
   TYPE A ASSEMBLY SERIES 121201
2022/01/28
1212010003 MOLEX-1212010003 Datasheet
579Kb / 2P
   TYPE A ASSEMBLY SERIES 121201
2022/01/28
1212010004 MOLEX-1212010004 Datasheet
579Kb / 2P
   TYPE A ASSEMBLY SERIES 121201
2022/01/28
More results

Similar Description - 121201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
987650-8531 MOLEX-987650-8531 Datasheet
5Mb / 52P
   mPm짰 DIN valve connectors
logo
LG Semicon Co.,Ltd.
GM71C4256B LG-GM71C4256B Datasheet
1Mb / 19P
   New Generation Dynamic RAM
logo
Seoul Semiconductor
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
   New generation DDR4 performance
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Fairchild Semiconductor
AN-5232 FAIRCHILD-AN-5232 Datasheet
1Mb / 15P
   New Generation Super-Junction MOSFETs
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
SUN04A65IS KODENSHI-SUN04A65IS Datasheet
480Kb / 8P
   New Generation N-Ch Power MOSFET
SUN08A70F KODENSHI-SUN08A70F Datasheet
554Kb / 8P
   New Generation N-Ch Power MOSFET
SUN09A65F KODENSHI-SUN09A65F Datasheet
570Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com