Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-34F Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # SG-34F
Description  ?쏦OCKEY PUCK??SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

SG-34F Datasheet(HTML) 2 Page - American Zettler, Inc.

  SG-34F Datasheet HTML 1Page - American Zettler, Inc. SG-34F Datasheet HTML 2Page - American Zettler, Inc. SG-34F Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
*UL pending
MECHANICAL DATA
INSTALLATION
1.
When mounting the relays side by side, provide a space equivalent
to the width of a single SSR between two adjacent SSRs.
Otherwise, reduce the load current flow to 1/2 to 1/3 of the rated cur-
rent.
2.
When mounting relays on heat sink surface, first apply a heat con-
ductive grease to the metal back surface of the SSR. Press the SSR
firmly onto the heat sink to ensure a good seal. Screw the SSR
down to the heat sink.
3.
Next, wire the screw terminals and securely tighten the screws.
PRECAUTIONS
1.
Before connecting a load that generates a high surge current,
such as a lamp load to the SSR, make sure that the SSR can
withstand the surge current of the load.
2.
The product data sheet shows the non-repetitive peak value of
the surge current that flows through the SSR. Normally, use 1/2
of the non-repetitive peak surge current as the standard value. If
a surge current exceeding that value is expected, connect a
quick-blowing fuse to protect the SSR.
.795Max
[20.2]
2-M.118
[M3.0]
2-M.157
[M4.0]
.902Max
[22.9]
1.870
[47.5]
4
1
3
2
input control signal
Load power supply
LOAD
INPUT
(-)
(~)
(+)
(~)
3
2
4
1
1.870
[47.5]
1.00
[25.4]
1.098
[27.9]
1.799MAX
[45.7]
1.743
[44.26]
.323
[8.2]
2.299MAX
[58.4]
.449
[11.4]
2-Ø.177
[Ø4.5]
SG-34F
7/16/08W
RELAY ORDERING DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Outline Dimensions
Mounting
Wiring Diagram
SG-34F
D
240
A
40
Z
S
L
MODEL
INPUT
OPERATING
LOAD TYPE
LOAD
ZERO CROSS OUTPUT DEVICE
LED
VOLTAGE
VOLTAGE RANGE
CURRENT
OR RANDOM
INDICATOR
D: 3 to 32 Vdc
240: 48 to 280 Vac
A: AC LOAD
40: 40A
Z: Zero cross
S: SCR
NIL: no LED
A: 90 to 280Vac*
380: 48 to 400 Vac
50: 50A
turn on
L: with LED
480: 48 to 530 Vac
60: 60A
(not for AC
70: 70A*
P: Random
input type)
80: 80A*
turn on (not
available on
480V version)


Similar Part No. - SG-34F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
   Tilt Sensor
logo
Epson Company
SG-3030CM EPSON-SG-3030CM Datasheet
401Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson ToYoCom
SG-3030JC EPSONTOYOCOM-SG-3030JC Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
SG-3030JC EPSONTOYOCOM-SG-3030JC Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
SG-3030JF EPSONTOYOCOM-SG-3030JF Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-34F

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
SGX-1505FB AZETTLER-SGX-1505FB Datasheet
338Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
SGX-41F AZETTLER-SGX-41F Datasheet
280Kb / 3P
   SOLID STATE RELAY 4 AMPS 48 TO 400 VRMS
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Paired SCR Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
logo
American Zettler, Inc.
SG-24F AZETTLER-SG-24F Datasheet
374Kb / 3P
   THREE PHASE SOLID STATE RELAY 10 THRU 25 AMPS 36 TO 440 VRMS
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Tyco Electronics
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
   Hockey Puck Solid State Relay With Snubberless Triac Output
logo
Intel Corporation
530 INTEL-530 Datasheet
481Kb / 27P
   Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com