Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC-4F24D1M Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # SGC-4F24D1M
Description  SOLID STATE RELAY 2 AMP 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

SGC-4F24D1M Datasheet(HTML) 2 Page - American Zettler, Inc.

  SGC-4F24D1M Datasheet HTML 1Page - American Zettler, Inc. SGC-4F24D1M Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DATA
Load current vs. ambient temperature characteristics
3
-
41
2
LOAD
+
LOAD
+
-
1
2
3
4
.171
[4.35]
.056
[1.42]
.100/[2.54] GRID
[ø1.0]
4 x ø.039
4 x ø.039
[ø1.0]
TERMINAL STYLE "M"
TERMINAL STYLE "T"
PC BOARD LAYOUT
WIRING DIAGRAM
PC BOARD LAYOUT
WIRING DIAGRAM
Viewed toward terminals
Viewed toward terminals
Viewed toward terminals
Viewed toward terminals
[0.7]
4 x .028
[0.7]
4 x .028
[0.4]
4 x .016
[6.5]
.256
[4.0]
4 x .157
[20.0]
.787
[24.0]
.945
.100/[2.54] GRID
.171
[4.35]
[1.42]
.056
.787
.256
[6.5]
[4.0]
4 x .157
[0.4]
4 x .016
[20.0]
.945
[24.0]
SGC-4F
6/3/03W
RELAY ORDERING DATA
SGC-4F
05
D
0
T
MODEL
INPUT
INPUT
OUTPUT
TERMINAL ARRANGEMENT/
VOLTAGE
FORM
FORM
MOUNT FORM
05: 4 to 6V
D: DC
0: Zero-cross
T: Pin T
12: 9.6 to 14.4V
1: Random Phase
M: Pin M
24: 19.2 to 28.8V
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
2.5
2.0
1.5
1.0
0.5
0
Ambient temperature ˚C
-40
-20
0
20
40
60
80
100
Inrush current resistivity Non-repetitive
300
1000
3000
5000
0
10
20
30
30
50 100
10
Duration


Similar Part No. - SGC-4F24D1M

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
284Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4363 SIRENZA-SGC-4363_1 Datasheet
284Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results

Similar Description - SGC-4F24D1M

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS4 PICKER-PCS4 Datasheet
280Kb / 2P
   2 Amp Solid State Relay
PCS4 PICKER-PCS4_17 Datasheet
2Mb / 2P
   2 Amp Solid State Relay
logo
Willow Technologies Ltd
3PAK220 WILLOW-3PAK220 Datasheet
188Kb / 3P
   1.1A, 250 Vac, 3-Phase Solid-State Relay
logo
Picker Components
PCS20 PICKER-PCS20_17 Datasheet
2Mb / 2P
   1.5 Amp Solid State Relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com