Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND721GST Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND721GST
Description  Intelligent Character Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND721GST Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND721GST Datasheet HTML 1Page - Purdy Electronics Corporation AND721GST Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7-27-99
Intelligent Character Display
AND721GST/GST-LED
AND721GST/GST-LED
4 Lines x 20 Characters
Intelligent Character Display
The AND721GST/GST-LED devices are compact,
LCD modules that have an on-board LCD controller and
driver circuit. These devices can display 160 characters
(numerals, letters, symbols and Kana letters), as well as eight
custom characters.
Features
AND721GST: Super Twist Technology
AND721GST-LED: STN with LED backlight
Low voltage, +5V single power supply
Controller on board (HD44780)
RoHS compliant
11 commands for control
Wide temperature range option (WGST)
Dot Matrix Dimensions
Mechanical Characteristics
Item
Specification
Unit
Outline
Dimensions
98 (W) x 60 (H) x 12 (D)
mm
Character Size
2.95 (W) x 4.75 (H)
mm
Viewing Area
76.0 (W) x 25.2 (H)
mm
Dot Size
0.55 (W) x 0.55 (H)
mm
Dot Pitch
0.60 (W) x 0.60 (H)
mm
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply Voltage
VDD
7.0
V
Input Voltage
VIN
0
≤ V
IN ≤ VDD
V
LED Forward Current
IF
480
mA
0.55
0.60
0.60
2.95
LED Reverse Voltage
VR
8V
LED Power Dissipation
PD
1900
mW
Operating Tempera-
ture
Top
0 to +50
°C
Storage Temperature
Tstg
-20 to +60
°C
Electrical Characteristics (TA = 25°C)
Item
Symbo
l
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.75
5.0
5.25
V
VDD-VO
3.0
6.3
High Level In Voltage
(VDD = 5.0V)
VIN
––
VDD
V
Low Level In Voltage
(IOH = 0.2 mA)
VIH
0
0.6
V
High Level Output Volt.
(–IOH = 0.2 mA)
VOH
2.4
V
Low Level Output Volt.
(IOL = 1.2 mA)
VOL
0.4
V
LED Forward Voltage
(IF = 230 mA)
VF
3.8
4.1
4.4
V
LED Reverse Current
(VR = 8 V)
IR
2.4
mA
Optical Characteristics (TA 5 = 25˚C,
φ = 0°, θ = 0°)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
f
50
degree
Contrast
K
6.0
Turn On
Ton
200
400
ms
Turn Off
Toff
250
400
ms
Absolute Maximum Ratings (Continued)
Item
Symbol
Rating
Unit
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact
Purdy Electronics before proceeding with the design of
equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND721GST

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND721GST PURDY-AND721GST Datasheet
396Kb / 4P
   Liquid Crystal Displays
logo
List of Unclassifed Man...
AND721GST ETC2-AND721GST Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
logo
Purdy Electronics Corpo...
AND721GST-LED PURDY-AND721GST-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND721GST-LED PURDY-AND721GST-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - AND721GST

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
   Intelligent Character Display
AND471GST PURDY-AND471GST Datasheet
72Kb / 2P
   Intelligent Character Display
AND731GST PURDY-AND731GST Datasheet
143Kb / 2P
   Intelligent Character Display
AND491GST3-3V-W-LED PURDY-AND491GST3-3V-W-LED Datasheet
402Kb / 4P
   Intelligent Character Display
AND771GST PURDY-AND771GST Datasheet
92Kb / 3P
   Intelligent Character Display
logo
List of Unclassifed Man...
AND491GST ETC2-AND491GST Datasheet
40Kb / 2P
   Intelligent Character Display
logo
Purdy Electronics Corpo...
AND671WGST-LED PURDY-AND671WGST-LED Datasheet
2Mb / 6P
   Intelligent Character Display
AND002004B-OLED PURDY-AND002004B-OLED Datasheet
265Kb / 3P
   Intelligent Character Display
AND481GST PURDY-AND481GST Datasheet
163Kb / 2P
   Intelligent Character Display
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
   1 Line x 16 Characters Intelligent Character Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com