Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME41AEAT-1 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME41AEAT-1
Description  Shunt Bandgap Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41AEAT-1 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME41AEAT-1 Datasheet HTML 2Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 3Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 4Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 5Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 6Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 7Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 8Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 9Page - Analog Microelectronics AME41AEAT-1 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AME
6
Shunt Bandgap Voltage Reference
AME41-1.2
Rev.G.03
Parameter
Symbol
Min
Typ
Max
Units
Reference Voltage,
±0.5%
VREF
1.244
1.250
1.256
V
Minimum Current
IMIN
30
µA
1.5
3
4
8
Reference Voltage Temp.
Coeff.
VREFTC
100
ppm/
oC
Reference Voltage Change
With Current
Test Condition
TA = 25
oC, I
REF = 100µA
mV
dVREF/I
0
oC < T
A < 70
oC
IMIN < I < 1mA
1mA < I < 20mA
n Electrical Specifications
Unless otherwise specified, T
A = 25
0C, I=100µA
n Thermal Information
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOT-23
140
TO-92-2
TO-92-3
80
SOP-8
Conductive
Epoxy
60
SOT-23
280
TO-92-2
TO-92-3
150
SOP-8
Conductive
Epoxy
150
SOT-23
400
TO-92-2
TO-92-3
625
SOP-8
Conductive
Epoxy
810
150
oC
350
oC
Non-Conductive
Epoxy
Non-Conductive
Epoxy
mW
oC / W
Thermal Resistance
(Junction to Ambient)
θ
JA
oC / W
Thermal Resistance*
(Junction to Case)
θ
JC
Non-Conductive
Epoxy
Maximum Junction Temperature
Solder Iron (10 Sec)**
Internal Power Dissipation
PD


Similar Part No. - AME41AEAT-1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41AEAT AME-AME41AEAT Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results

Similar Description - AME41AEAT-1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com