Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND3222MST-LEDW Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND3222MST-LEDW
Description  LCD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND3222MST-LEDW Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND3222MST-LEDW Datasheet HTML 1Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 2Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 3Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 4Page - Purdy Electronics Corporation AND3222MST-LEDW Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
5/1/08
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
1
www.purdyelectronics.com
Displays
AND3222MST-LEDW
6” FSTN LCD Module
The AND3222MST-LEDW display is a compact, full dot matrix,
which is an STN gray positive LCD type, transflective rear
polarizer with a yellow green backlight color. The AND3222MST-
LEDW can display TEXT information, numerals, letters and
symbols, as well as GRAPHIC patterns. These devices are
suitable for medical and measurement equipment, point-of-sale
terminals, protable equipment, and marine instrumentation.
Features
• STN Gray Positive LCD type
• Built-in LED yellow green backlight
• Excellent readability and high-contrast ratio
• 320 (W) x 240 (H) dot graphic display
• Wide operating temperature range (-20 to +70 ºC)
• Transflective rear polarizer
• 6 o’clock viewing angle
• RoHS Compliant
Mechanical Characteristics
Item
Specification
Unit
Outline
Dimensions
148.0 (W) x 120.2 (H) x 20.5 max (D)
mm
Number of
Pixels
320 (W) x 240 (H)
pixels
Active Area
120.14 (W) x 92.14 (H)
mm
Pixel Size
0.33 (W) x 0.33 (H)
mm
Pixel Pitch
0.36 (W) x 0.36 (H)
mm
Duty Ratio
1/240
duty
Controller
SID13305
DC/DC Converter
With
Absolute Maximum Ratings - Electrical
Item
Symbol
Min.
Max.
Unit
Power Supply for Logic
VDD - VSS
-0.3
7.0
V
Power Supply for LCD Driver
VDD - VLCD
0
30.0
V
Input Voltage
VI
-0.3
VDD
V
LED Power Dissipation
PAD
1242
mW
LED Forward Current
IAF
270
mA
LED Reverse Voltage
VR
8V
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power
Supply for
Logic
VDD - VSS
4.5
5.0
5.5
V
Power
Supply for
LCD Drive
VLCD - VSS
-21.6
-22.1
-22.7
V
Input
Voltage
VIL
L Level
0
0.6
V
VIH
H Level
2.2
VDD
V
VDD - VO
Ta = 0ºC
22.7
V
Ta = 25ºC
24.3
V
Ta = 50ºC
25.8
V
Logic
Supply
Current
IDD
VDD =5.0V
VDD - VO =
24.3V
34.9
31.3
mA
IEE
3.6
LED
Forward
Voltage
VF
If = 180 mA
4.2
4.6
V
LED
Forward
Current
IF
180
mA
LED
Reverse
Current
IR
VR = 8V
0.3
mA
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND3222MST-LEDW

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
List of Unclassifed Man...
AND3222MST2 ETC2-AND3222MST2 Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND3222MST-LEDW

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com