Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANDPSI08C351-HB Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # ANDPSI08C351-HB
Description  LCD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI08C351-HB Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  ANDPSI08C351-HB Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI08C351-HB Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI08C351-HB Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI08C351-HB Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI08C351-HB Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Displays
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
4
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/20/07
www.purdyelectronics.com
Recommended Inverter: INV8m122325 (12VDC Input)
Block Diagram
1) Drivers are fabricated on the LCD glass
Connector Pin Assignment for Interface
800 Pixels
800, 1
1, 1
800, 2
1, 2
800, 599
800, 600
1, 599
1, 600
2, 1
2, 2
2, 599
2, 600
CN1 Input Signal (1)
(DF19G-30P-1H/Hirose Electric Co.)
Terminal No.
Symbol
Function
1
GND
Ground
2
VDD
+3.3V Power Supply
3
VDD
+3.3V Power Supply
4
GND
Ground
5
ENAB
Compound Synchronization Signal
6
B5(2)
Blue Display Data (MSB)
7
B4(2)
Blue Display Data
8
B3(2)
Blue Display Data
9
B2(2)
Blue Display Data
10
B1(2)
Blue Display Data
11
B0(2)
Blue Display Data (LSB)
12
GND
Ground
13
G5(2)
Green Display Data (MSB)
14
G4(2)
Green Display Data
15
G3(2)
Green Display Data
16
G2(2)
Green Display Data
17
G1(2)
Green Display Data
18
G0(2)
Green Display Data (LSB)
19
GND
Ground
20
R5(2)
Red Display Data (MSB)
21
R4(2)
Red Display Data
22
R3(2)
Red Display Data
23
R2(2)
Red Display Data
24
R1(2)
Red Display Data
25
R0(2)
Red Display Data (LSB)
26
GND
Ground
27
NC
No Connect
28
NC
No Connect
29
NCLK
Sampling Clock
30
GND
Ground
CN2 CCFL Power Source
(BHR-04VS-1/Japan Solderless Terminal Mfg Co.,
Ltd.)
Terminal
No.
Symbol
Function
1
VL
CCFL Power Supply (High Voltage)
2
VL
CCFL Power Supply (High Voltage)
3
NC(1)
4
GL
CCFL Power Supply (GND Side)
Note (1) NC terminal is open.
2) Connectors
CN1-DF19G-30P-1H/Hirose Electric Co.
Mating Connector - DF19G-30S-1C (Housing)
CN2-BHR-04VS-1/Japan Solderless Terminal Co., Ltd.
Mating Connector - SM04(4.0)B-BHS-1-TB/JST
ANDpSi08C351-HB


Similar Part No. - ANDPSI08C351-HB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDpSi08C351-HB PURDY-ANDpSi08C351-HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
ANDpSI08C351-HB PURDY-ANDpSI08C351-HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
logo
List of Unclassifed Man...
ANDpSi08C351-HB ETC2-ANDpSi08C351-HB Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - ANDPSI08C351-HB

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com