Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F1016DWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74F1016DWG4
Description  16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F1016DWG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74F1016DWG4 Datasheet HTML 1Page - Texas Instruments SN74F1016DWG4 Datasheet HTML 2Page - Texas Instruments SN74F1016DWG4 Datasheet HTML 3Page - Texas Instruments SN74F1016DWG4 Datasheet HTML 4Page - Texas Instruments SN74F1016DWG4 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74F1016
16-BIT SCHOTTKY BARRIER DIODE
R-C BUS-TERMINATION ARRAY
SDFS093 – NOVEMBER 1992 – REVISED DECEMBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ZO = 50 Ω
Length = 36 in
(a) UNDERSHOOT TEST SETUP
ZS = 25Ω
218.500 ns
Ch. 1
= 1.00 V/div
Timebase
= 5.00 ns/div
Vmarker 1
= 0.00 V
Vmarker 2
= – 640.00 mV
Offset
= – 20.00 mV
Delay
= 243.5 ns
Delta V
= – 640.00 mV
243.500 ns
268.500 ns
Vmarker 1
(b) SCOPE DISPLAY
S1
S1 Open
S1 Closed
Vmarker 2
– 2.0 V
Figure 2. Undershoot Test Setup and Scope Display


Similar Part No. - SN74F1016DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016DWG4 TI1-SN74F1016DWG4 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
More results

Similar Description - SN74F1016DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI1-SN74F1016_V01 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1018 TI-SN74F1018 Datasheet
86Kb / 5P
[Old version datasheet]   18-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com