Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FE0206 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # FE0206
Description  LCD Panel Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

FE0206 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  FE0206 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LCD Panel Display
FE0206
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
11/26/08
FE0206
4 1/2 Digits, 0.4 Inch (10.2mm) Character Height
Pin Assignments
Actual Size
.700
(17,78)
Minimum
Viewing Area
1.20
(30,48)
.040 Typ.
(1,02)
.250
(6,35)
40
A1
G1
D1
C
1
E
1
B
1
F
1
X
Y
K
L1
L1
L2
L2
DP1
DP2
DP3
DP4
Z
A2
G2
D2
C
2
E
2
B
2
F
2
A3
G3
D3
C
3
E
3
B
3
F
3
A4
G4
D4
C
4
E
4
B
4
F
4
1
21
20
2.00
(50,80)
1.800 Minimum Viewing Area
(45,72)
.100
(2,54)
Max.
Seal
(Typ.)
.060 Typ.
(1,52)
.100 Typ.
(2,54)
.035
(0,89)
LO BAT
Viewing
Direction
1.300
(33,02)
.250
(6,35)
Notes
:
1.
Maximum thickness includes front and back
polarizers plus reflector attached.
2.
Dimensions are expressed as:
Inches
mm
()
--------------------
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
Pin #
Seg.
1
BP
5
E1
9
E213
E317
E421
A425
A329
B233
L1
37
G1
2
Y
6
D110
D214
D318
D422
F4
26
F3
30
A2
34
B1
38
BAT
3
K
7
C111
C215
C319
C423
G4
27
G3
31
F2
35
A1
39
X
4
DP1
8
DP2
12
DP3
16
DP4
20
B4
24
B3
28
L2
32
G2
36
F1
40
BP
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - FE0206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE0206 ETC1-FE0206 Datasheet
524Kb / 13P
   Elrctro-Optical, Environmental and Mechanical
logo
Purdy Electronics Corpo...
FE0206W PURDY-FE0206W Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - FE0206

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
FE0201 PURDY-FE0201 Datasheet
52Kb / 1P
   LCD Panel Display
FE0203 PURDY-FE0203 Datasheet
49Kb / 1P
   LCD Panel Display
FE0401 PURDY-FE0401 Datasheet
54Kb / 1P
   LCD Panel Display
FE0601 PURDY-FE0601 Datasheet
52Kb / 1P
   LCD Panel Display
FE1001 PURDY-FE1001 Datasheet
54Kb / 1P
   LCD Panel Display
FE0208 PURDY-FE0208 Datasheet
51Kb / 1P
   LCD Panel Display
FE1901 PURDY-FE1901 Datasheet
54Kb / 1P
   LCD Panel Display
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
   TFT LCD Panel Display
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com