Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME431BBJETB25Y Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME431BBJETB25Y
Description  Adjustable Precision Shunt Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BBJETB25Y Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME431BBJETB25Y Datasheet HTML 6Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 7Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 8Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 9Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 10Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 11Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 12Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 13Page - Analog Microelectronics AME431BBJETB25Y Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AME
10
Adjustable Precision
Shunt Regulator
AME431B-2.5V
Rev.B.04
Cathode Current vs. Cathode Voltage
Current vs. Cathode Voltage
Reference Current vs. Temperature
Reference Voltage vs. Cathode Current
Small Signal Voltage Gain vs. Frequency
15K
8.2K
I
KA
Output
GND
242
10uF
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
10
20
30
40
50
60
70
80
90
100
110
Cathode Current (mA)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-45
-5
25
55
85
115
125
Temperature (oC)
T
A= 25
oC
I
KA= 10mA
0
10
20
30
40
50
60
0
10
20
30
40
50
60
10K
100K
1000K
1K
10K
100K
1000K
1K
Small Signal Frequency
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.495
-200
0
200
400
600
800
340
Cathode Voltage (V)
V
KA=VREF
T
A= 25
oC
-2
-1
0
1
2
3
-50
0
50
100
150
-100
Cathode Voltage (V)
V
KA=VREF
T
A= 25
oC


Similar Part No. - AME431BBJETB25Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431BBJETB25Y AME-AME431BBJETB25Y Datasheet
236Kb / 19P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME431BBJETB25Y

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com