Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5130 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME5130
Description  Micropower Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5130 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME5130_1 Datasheet HTML 1Page - Analog Microelectronics AME5130_1 Datasheet HTML 2Page - Analog Microelectronics AME5130_1 Datasheet HTML 3Page - Analog Microelectronics AME5130_1 Datasheet HTML 4Page - Analog Microelectronics AME5130_1 Datasheet HTML 5Page - Analog Microelectronics AME5130_1 Datasheet HTML 6Page - Analog Microelectronics AME5130_1 Datasheet HTML 7Page - Analog Microelectronics AME5130_1 Datasheet HTML 8Page - Analog Microelectronics AME5130_1 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AME
5
AME5130
Micropower Step-Up
DC/DC Converter
Rev.F.02
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance*
(Junction to Case)
θ
JC
81
Thermal Resistance
(Junction to Ambient)
θ
JA
260
Internal Power Dissipation
PD
400
mW
150
oC
350
oC
oC / W
Maximum Junction Temperature
Solder Iron (10Sec)**
SOT-25
Conductive Epoxy
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
n Thermal Information
* Measure
θ
JC on backside center of molding compund if IC has no tab.
** MIL-STD-202G 210F
* HBM B: 2000V~3999V and SW pin pass 1500V only
Parameter
Symbol
Maximum
Unit
Input Supply Voltage
VIN
6
V
RUN, VFB Voltages
VRUN,VFB
VIN
V
SW Voltage
VSW
VOUT+0.3
V
N-Channel Switch Sink Current
ISW
800
mA
ESD Classification
B*
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
-40 to +85
oC
Junction Temperature Range
TJ
-40 to +125
oC
Storage Temperature Range
TSTG
-65 to +150
oC


Similar Part No. - AME5130_1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5130AEEVADJ AME-AME5130AEEVADJ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Similar Description - AME5130_1

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com