Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5130 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME5130
Description  Micropower Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5130 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME5130 Datasheet HTML 7Page - Analog Microelectronics AME5130 Datasheet HTML 8Page - Analog Microelectronics AME5130 Datasheet HTML 9Page - Analog Microelectronics AME5130 Datasheet HTML 10Page - Analog Microelectronics AME5130 Datasheet HTML 11Page - Analog Microelectronics AME5130 Datasheet HTML 12Page - Analog Microelectronics AME5130 Datasheet HTML 13Page - Analog Microelectronics AME5130 Datasheet HTML 14Page - Analog Microelectronics AME5130 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AME
11
AME5130
Micropower Step-Up
DC/DC Converter
Rev.F.02
Switch Current Limit vs. V
IN
Efficiency vs. Load Current
Efficiency vs. Load Current
Efficiency vs. Load Current
Enable Current vs. V
IN (Part Switching)
Disable Current vs. V
IN (Part Not Switching)
I
OUT (mA)
5
10
15
20
25
30
35
40
45
0.5
50
55
60
65
70
75
80
85
90
V
IN=4.2V
V
IN=3.3V
V
IN=2.5V
V
OUT=20V
I
OUT (mA)
0.5
4
8
20
40
55
70
80
110 115
140
145
40
45
50
55
60
65
70
75
80
85
90
V
IN=4.2V
V
IN=3.3V
V
IN=2.5V
V
IN=5V
V
OUT =12V
40
45
50
55
60
65
70
75
80
85
90
95
I
OUT (mA)
0.5
3
6
9
20
35
50
80 110 140 160 190 220 250
V
IN=2.5V
V
IN=3.3V
V
IN=4.2V
V
OUT=5V
350
400
450
500
550
600
650
700
750
800
Vin(V)
2
2.5
3
3.5
4
4.5
5
5.5
T
A=25
oC
T
A=40
oC
T
A=85
oC
V
IN (V)
40
50
60
70
80
90
100
110
120
130
140
2
2.5
3
3.5
4
4.5
5
5.5
6
T
A
=25 oC
T
A
=85 oC
T
A =-40
oC
40
50
60
70
80
90
100
110
120
130
140
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
T
A =-40
oC
T
A=25
oC
T
A=85
oC


Similar Part No. - AME5130

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJ AME-AME5130AEEVADJ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Similar Description - AME5130

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com