Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45719 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 45719
Description  EXTreme PowerEdge??Card Edge Hybrid Power Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45719 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  45719 Datasheet HTML 1Page - Molex Electronics Ltd. 45719 Datasheet HTML 2Page - Molex Electronics Ltd. 45719 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES AND SPECIFICATIONS
EXTreme PowerEdge™
Card Edge Hybrid
Power Connector
Current (Amps)
70
60
50
40
30
20
10
0
EXTreme PowerEdge™, Dual Sided
T-Rise Current Chart
0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.
45.0
50.0
55.0
60.0
65.0
70.0
8 Circuits (4 Segments)
4 Circuits (2 Segments)
1 Circuit (1 Segment)
10
8
6
4
2
0
-2
-4
-6
EXTreme PowerEdge™ Connector System, Durability
Cumulative Percentage (%)
0
10
20
30
40
50
60
70
80
90
100
50 Cycles
25 Cycles


Similar Part No. - 45719

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45719-0001 MOLEX-45719-0001 Datasheet
205Kb / 2P
   Power Edge??Power Connector
45719-0001 MOLEX6-45719-0001 Datasheet
251Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 2 Segments (4 Total Contacts), 1.25 (.049") Thick PC Board
45719-0002 MOLEX-45719-0002 Datasheet
205Kb / 2P
   Power Edge??Power Connector
45719-0002 MOLEX6-45719-0002 Datasheet
251Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Through Hole Solder for 3.18mm (.125") Thick PC Board
45719-0003 MOLEX-45719-0003 Datasheet
205Kb / 2P
   Power Edge??Power Connector
More results

Similar Description - 45719

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459120029 MOLEX1-0459120029_17 Datasheet
49Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, 12.90mm Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector,
0459120001 MOLEX1-0459120001_17 Datasheet
49Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, 12.90mm Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector,
0459120029 MOLEX6-0459120029 Datasheet
297Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector
0459110025 MOLEX6-0459110025 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110026 MOLEX6-0459110026 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110049 MOLEX6-0459110049 Datasheet
325Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110030 MOLEX6-0459110030 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110015 MOLEX6-0459110015 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110039 MOLEX6-0459110039 Datasheet
342Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double
0459110048 MOLEX6-0459110048 Datasheet
325Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com