Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43879 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 43879
Description  4.20mm (.165") Pitch Mini-Fit, CPI Compliant Pin Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43879 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  43879 Datasheet HTML 1Page - Molex Electronics Ltd. 43879 Datasheet HTML 2Page - Molex Electronics Ltd. 43879 Datasheet HTML 3Page - Molex Electronics Ltd. 43879 Datasheet HTML 4Page - Molex Electronics Ltd. 43879 Datasheet HTML 5Page - Molex Electronics Ltd. 43879 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FEATURES AND SPECIFICATIONS
4.20mm (.165") Pitch
Mini-Fit, CPI
Compliant Pin Interface
43879
Dual Row, Vertical Header
Features and Benefits
s
Press-fit pin requiring no soldering
s
Blind mating vertical header
s
Designed for multiple board thicknesses
of .094" and greater
Reference Information
Designed in: Millimeters
Packaging: Tray
Product Specifications: PS-43879-001
UL File No.: E29179
CSA File No.: LR19980
TUV License No.: R75142
Mates with: 5557, 42385 and 42474 receptacles
Electrical
Voltage: 600V
Current: 8.0A max.
Contact Resistance: 10m
Ω max.
Dielectric Withstanding Voltage: 1500V
Insulation Resistance: 1000 M
Ω min.
Mechanical
Insertion Force to PCB: 196.13N (44.09 lb) per circuit max.
Retention Force to PCB: 49.03N (11.02 lb) per circuit min.
Mating Force: 6.86N (1.54 lb) per circuit max.
Unmating Force: 3.43N (0.771 lb) per circuit min.
Normal Force: 1.96N (0.44 lb) min.
Durability: 30 cycles
Physical
Housing: 4/6 nylon, UL 94V-0
Contact: Phosphor Bronze
Plating: Tin or Gold
Operating Temperature: -40 to +105˚C
(Including 30°C terminal temperature at full current)
DIMENSIONS
ORDERING INFORMATION
Circuits
Order No.
Dimension
Tin Plated
Gold Plated
A
B
4
43879-0022
43879-0033
18.81 (.740)
4.20 (.165)
6
43879-0023
43879-0034
23.01 (.906)
8.40 (.331)
10
43879-0025
43879-0036
31.41 (1.237)
16.80 (.661)
14
43879-0027
43879-0038
39.81 (1.567)
25.20 (.992)
18
43879-0029
43879-0040
48.21 (1.898)
33.60 (1.323)
24
43879-0032
43879-0043
60.81 (2.394)
46.20 (1.819)


Similar Part No. - 43879

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43879-0022 MOLEX-43879-0022 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
43879-0023 MOLEX-43879-0023 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
43879-0024 MOLEX-43879-0024 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
43879-0025 MOLEX-43879-0025 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
43879-0027 MOLEX-43879-0027 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com