Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86140-2300 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86140-2300
Description  ESCON Connectors & Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86140-2300 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86140-2300 Datasheet HTML 1Page - Molex Electronics Ltd. 86140-2300 Datasheet HTML 2Page - Molex Electronics Ltd. 86140-2300 Datasheet HTML 3Page - Molex Electronics Ltd. 86140-2300 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance and Specifications
Mechanical Dimensions
Characteristics
Units
Min.
Typ.
Max.
Comments
Durability
~dB
-
-
0.07
FOTP-21, 100 mate/unmate cycles
Humidity Cycling
~dB
-
-
0.13
FOTP-5, type 1A, +60ºC at 95% RH for 240 hours
Temperature Cycling
~dB
-
-
0.21
FOTP-3, modified to 2500 cycles
10ºC to 60ºC, max ramp, zero dwell time
Cable Retention
~dB
-
-
0.16
FOTP-6, modified to 8 cycles at 1 m and 3 m
133 N ramp and hold 5 seconds
Coupling Strength/Axial Pull
~dB
-
-
0.04
FOTP-185, 20 lb., hold 30 seconds
Impact
~dB
-
-
0.05
FOTP-2A, 8 cycles
Flex
~dB
-
-
0.05
FOTP-1, 1 lb. +/- 45º, 300 times
Twist
~dB
-
-
0.10
FOTP-36A, 10 lb. at 0.1 m +/- 180º
Vibration
~dB
-
-
0.11
FOTP-11, 10 to 55 Hz, 2 hours per axis
Insertion/Withdrawl force
lb
5.3 Insertion
0.6 Withdrawl
ESCON Connector
ESCON Connectors & Adapters
.700
4.100
1.470
.098
.376
.460
1.128
2.730
1.794
.345
D
104.1
69.3
17.8
28.7
37.3
8.8
9.6
11.7
45.6
ø2.5
2X
CABLE
B
All dimensions in
INCHES
mm


Similar Part No. - 86140-2300

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8614 FILTRAN-8614 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8614 ETC2-8614 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8614 APITECH-8614 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8614 BK-8614 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Christian Bürkert GmbH ...
8614 BURKERT-8614 Datasheet
4Mb / 21P
   AirLINE – the valve island optimised for process automation
04.10.2023
More results

Similar Description - 86140-2300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com