Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44150-0024 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 44150-0024
Description  High Speed, Right Angle Low Profile Shielded and Unshielded Versions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44150-0024 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  44150-0024 Datasheet HTML 1Page - Molex Electronics Ltd. 44150-0024 Datasheet HTML 2Page - Molex Electronics Ltd. 44150-0024 Datasheet HTML 3Page - Molex Electronics Ltd. 44150-0024 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FEATURES AND SPECIFICATIONS
Modular Jack
44050
High Speed, Right Angle
Low Profile
Shielded and Unshielded
Versions
Features and Benefits
s
Exceeds Category 5 performance
s
Gigabit Ethernet compatible
s
Enclosed top
s
Industry Standard Footprint
s
Shield with enhanced panel grounding tabs
s
Surface Mount Compatible
Reference Information
Product Specification: PS-44050-003
Packaging: Tray
UL File No.: E107635
CSA File No.: LR149980
Designed In: Inches
Electrical
Voltage: 125V
Current: 1.5A
Dielectric Withstanding Voltage: 1000V AC
Insulation Resistance: 500 M
Ω min.
Mechanical
Durability: 500 cycles min.
Physical
Hog: Black glass-filled, high temperature nylon, UL 94V-0
Plating: Contact Area—1.27µm (50µ") min. Gold
Solder Tails—1.27µm (50µ") Tin/Lead
On both contact area and solder tails over nickel overall
Temperature: -40 to +80˚C
ORDERING INFORMATION AND DIMENSIONS
Circuits
Loaded
Contacts
Order No.
Dimension
Unshielded
Shielded
With All Panel Grounding Tabs
With Offset Panel Grounding
Tabs
Location E
Location F
Location E
Location F
A
B
C
D
E
F
8
8
44050-0001
15.24 (.600)
8.89 (.350)
11.43 (.450)
12.83 (.505)
8
8
44050-0007
44050-0009
15.80 (.622)
8.89 (.350)
11.43 (.450)
13.08 (.515)
4.57 (.180)
8
8
44050-0002
44050-0004
15.80 (.622)
8.89 (.350)
11.43 (.450)
13.08 (.515)
3.68 (.145)
8
8
44050-0006
44050-0008
15.80 (.622)
8.89 (.350)
11.43 (.450)
13.08 (.515)
3.05 (.120)
8
8
44050-0003
44050-0005
15.80 (.622)
8.89 (.350)
11.43 (.450)
13.08 (.515)
3.05 (.120)


Similar Part No. - 44150-0024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44150-0026 MOLEX6-44150-0026 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 8 Ports
More results

Similar Description - 44150-0024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43860-0007 MOLEX-43860-0007 Datasheet
208Kb / 2P
   Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
0443800008 MOLEX6-0443800008 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800002 MOLEX6-0443800002 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800007 MOLEX6-0443800007 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800009 MOLEX6-0443800009 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
0443800001 MOLEX6-0443800001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800022 MOLEX6-0443800022 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
0443800020 MOLEX6-0443800020 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0438600019 MOLEX6-0438600019 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
0443800019 MOLEX6-0443800019 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com