Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB1650PCAG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74FB1650PCAG4
Description  18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1650PCAG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74FB1650PCAG4 Datasheet HTML 1Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 2Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 3Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 4Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 5Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 6Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 7Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 8Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74FB1650
18BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SCBS178O − AUGUST 1992 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Compatible With IEEE Std 1194.1-1991
(BTL)
D TTL A Port, Backplane Transceiver Logic
(BTL) B Port
D Open-Collector B-Port Outputs Sink
100 mA
D BIAS VCC Minimizes Signal Distortion
During Live Insertion or Withdrawal
D High-Impedance State During Power Up
and Power Down
D B-Port Biasing Network Preconditions the
Connector and PC Trace to the BTL
High-Level Voltage
D TTL-Input Structures Incorporate Active
Clamping to Aid in Line Termination
PCA PACKAGE
(TOP VIEW)
NC
VCC
GND
1AO6
1AI6
1AO7
1AI7
GND
1AO8
1AI8
1AO9
1AI9
GND
2AO1
2AI1
2AO2
2AI2
GND
2AO3
2AI3
2AO4
2AI4
GND
VCC
NC
1B2
GND
1B3
1B4
GND
1B5
1B6
GND
1B7
1B8
GND
1B9
NC
2B1
GND
2B2
2B3
GND
2B4
2B5
GND
2B6
2B7
GND
2B8
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74FB1650PCAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

Similar Description - SN74FB1650PCAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
Integrated Device Techn...
IDT74GTLP16612 IDT-IDT74GTLP16612 Datasheet
74Kb / 8P
   CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74FB1653 TI-SN74FB1653 Datasheet
201Kb / 12P
[Old version datasheet]   17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com