Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT916CYF-390M Datasheet(PDF) 1 Page - Central Technologies

Part # CT916CYF-390M
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT916CYF-390M Datasheet(HTML) 1 Page - Central Technologies

  CT916CYF-390M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.30.05
SPECIFICATIONS
Parts are available in ±20% tolerance only.
* Inductance drop =30% typ. at IDC.
L Test
IDC *
Part
Inductance
Freq.
DCR
Max.
Number
(µH ±20%)
(kHz)
(
Ω ±20%)
(A)
CT916CYF-2R0M
2.0
100
0.016
3.00
CT916CYF-2R7M
2.7
100
0.018
2.69
CT916CYF-3R3M
3.3
100
0.021
2.57
CT916CYF-4R7M
4.7
100
0.027
2.08
CT916CYF-6R2M
6.2
100
0.031
1.84
CT916CYF-8R2M
8.2
100
0.046
1.54
CT916CYF-100M
10
100
0.050
1.49
CT916CYF-120M
12
100
0.055
1.28
CT916CYF-150M
15
100
0.064
1.10
CT916CYF-180M
18
100
0.075
1.05
CT916CYF-220M
22
100
0.088
0.97
CT916CYF-270M
27
100
0.117
0.82
CT916CYF-330M
33
100
0.140
0.76
CT916CYF-390M
39
100
0.165
0.70
CT916CYF-470M
47
100
0.178
0.68
CT916CYF-560M
56
100
0.214
0.60
CT916CYF-680M
68
100
0.266
0.56
CT916CYF-820M
82
100
0.349
0.47
CT916CYF-101M
100
100
0.397
0.45
CT916CYF-151M
150
100
0.553
0.37
CT916CYF Series
From 2.0 µH to 150 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz , 0.1V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
6.3
6.2
3.5
2.0±0.2
0.6±0.2
4.8±0.2
inches
0.25
0.24
0.14
0.08±0.01
0.02±0.01
0.19±0.01
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CT916CYF-390M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CT9106X0100A2 VISHAY-CT9106X0100A2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9107X0016A2 VISHAY-CT9107X0016A2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9107X0025B2 VISHAY-CT9107X0025B2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9107X0040C2 VISHAY-CT9107X0040C2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
CT9107X0063B2 VISHAY-CT9107X0063B2 Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results

Similar Description - CT916CYF-390M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com