Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDT30N120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDT30N120
Description  High Voltage IGBT with optional Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDT30N120 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDT30N120 Datasheet HTML 1Page - IXYS Corporation IXDT30N120 Datasheet HTML 2Page - IXYS Corporation IXDT30N120 Datasheet HTML 3Page - IXYS Corporation IXDT30N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
0
200
400
600
800
1000
0
20
40
60
0
100
200
300
0
1234
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
0
20
40
60
80
100 120 140
0
5
10
15
20
0.00.5
1.01.5
2.02.5
3.03.5
0
10
20
30
40
50
60
13V
11V
T
J = 25°C
V
GE=17V
T
J = 125°C
V
CE = 600V
I
C
= 25A
15V
56789
10
11
0
10
20
30
40
50
60
13V
11V
V
GE=17V
15V
V
CE = 20V
T
J = 25°C
9V
9V
V
CE
V
A
I
C
V
CE
A
I
C
V
V
V
V
GE
V
F
A
I
C
A
I
F
nC
Q
G
-di/dt
V
V
GE
A
I
RM
t
rr
ns
A/
ms
IXDH30N120
T
J = 125°C
V
R = 600V
I
F = 30A
T
J = 25°C
T
J = 125°C
I
RM
t
rr
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode
IXDH 30N120
IXDT 30N120
IXDH 30N120 D1 IXDT 30N120 D1


Similar Part No. - IXDT30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDT30N120 IXYS-IXDT30N120 Datasheet
94Kb / 4P
   High Voltage IGBT with optional Diode
IXDT30N120D1 IXYS-IXDT30N120D1 Datasheet
94Kb / 4P
   High Voltage IGBT with optional Diode
More results

Similar Description - IXDT30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN55N120D1 IXYS-IXDN55N120D1 Datasheet
83Kb / 4P
   High Voltage IGBT with optional Diode
IXDP20N60B IXYS-IXDP20N60B Datasheet
77Kb / 4P
   High Voltage IGBT with optional Diode
IXDN55N120 IXYS-IXDN55N120 Datasheet
72Kb / 4P
   High Voltage IGBT with optional Diode
IXDH20N120 IXYS-IXDH20N120 Datasheet
74Kb / 4P
   High Voltage IGBT with optional Diode
IXDH30N120 IXYS-IXDH30N120 Datasheet
94Kb / 4P
   High Voltage IGBT with optional Diode
IXDR30N120 IXYS-IXDR30N120 Datasheet
69Kb / 4P
   High Voltage IGBT with optional Diode ISOPLUSTM package
IXDR35N60BD1 IXYS-IXDR35N60BD1 Datasheet
122Kb / 4P
   IGBT with optional Diode
IXDP35N60B IXYS-IXDP35N60B Datasheet
101Kb / 4P
   IGBT with optional Diode
IXGQ28N120B IXYS-IXGQ28N120B Datasheet
512Kb / 6P
   High Voltage IGBT with Diode
IXSX35N120AU1 IXYS-IXSX35N120AU1 Datasheet
87Kb / 5P
   High Voltage IGBT with Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com