Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDT30N120 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDT30N120
Description  High Voltage IGBT with optional Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDT30N120 Datasheet(HTML) 4 Page - IXYS Corporation

  IXDT30N120 Datasheet HTML 1Page - IXYS Corporation IXDT30N120 Datasheet HTML 2Page - IXYS Corporation IXDT30N120 Datasheet HTML 3Page - IXYS Corporation IXDT30N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
Fig. 7 Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9 Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA
0
1020304050
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
0
1020304050
0
1
2
3
4
5
6
0
100
200
300
400
500
600
0.00001
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
0
40
80
120
160
200
240
0
1
2
3
4
5
0
300
600
900
1200
1500
0
40
80
120
160
200
240
0
2
4
6
8
10
12
0
60
120
180
240
single pulse
V
CE = 600V
V
GE = ±15V
R
G = 47W
T
J = 125°C
IXDH30N120
V
CE = 600V
V
GE = ±15V
I
C
= 25A
T
J = 125°C
0
200
400
600
800
1000 1200
0
10
20
30
40
50
60
R
G = 47W
T
J = 125°C
V
CEK < VCES
V
CE = 600V
V
GE = ±15V
R
G = 47W
T
J = 125°C
E
on
V
CE = 600V
V
GE = ±15V
I
C
= 25A
T
J = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
W
R
G
W
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
IGBT
diode
V
A
mJ
ns
ns
mJ
IXDH 30N120
IXDT 30N120
IXDH 30N120 D1 IXDT 30N120 D1


Similar Part No. - IXDT30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDT30N120 IXYS-IXDT30N120 Datasheet
94Kb / 4P
   High Voltage IGBT with optional Diode
IXDT30N120D1 IXYS-IXDT30N120D1 Datasheet
94Kb / 4P
   High Voltage IGBT with optional Diode
More results

Similar Description - IXDT30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN55N120D1 IXYS-IXDN55N120D1 Datasheet
83Kb / 4P
   High Voltage IGBT with optional Diode
IXDP20N60B IXYS-IXDP20N60B Datasheet
77Kb / 4P
   High Voltage IGBT with optional Diode
IXDN55N120 IXYS-IXDN55N120 Datasheet
72Kb / 4P
   High Voltage IGBT with optional Diode
IXDH20N120 IXYS-IXDH20N120 Datasheet
74Kb / 4P
   High Voltage IGBT with optional Diode
IXDH30N120 IXYS-IXDH30N120 Datasheet
94Kb / 4P
   High Voltage IGBT with optional Diode
IXDR30N120 IXYS-IXDR30N120 Datasheet
69Kb / 4P
   High Voltage IGBT with optional Diode ISOPLUSTM package
IXDR35N60BD1 IXYS-IXDR35N60BD1 Datasheet
122Kb / 4P
   IGBT with optional Diode
IXDP35N60B IXYS-IXDP35N60B Datasheet
101Kb / 4P
   IGBT with optional Diode
IXGQ28N120B IXYS-IXGQ28N120B Datasheet
512Kb / 6P
   High Voltage IGBT with Diode
IXSX35N120AU1 IXYS-IXSX35N120AU1 Datasheet
87Kb / 5P
   High Voltage IGBT with Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com