Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB2033H Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74FB2033H
Description  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2033H Datasheet(HTML) 2 Page - Texas Instruments

  SN74FB2033H Datasheet HTML 1Page - Texas Instruments SN74FB2033H Datasheet HTML 2Page - Texas Instruments SN74FB2033H Datasheet HTML 3Page - Texas Instruments SN74FB2033H Datasheet HTML 4Page - Texas Instruments SN74FB2033H Datasheet HTML 5Page - Texas Instruments SN74FB2033H Datasheet HTML 6Page - Texas Instruments SN74FB2033H Datasheet HTML 7Page - Texas Instruments SN74FB2033H Datasheet HTML 8Page - Texas Instruments SN74FB2033H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74FB2033H
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS472B – MAY 1994 – REVISED JUNE 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Data flow in the B-to-A direction, regardless of the logic element selected, is further controlled by the
LOOPBACK input. When LOOPBACK is low, B-port data is the B-to-A input. When LOOPBACK is high, the
output of the selected A-to-B logic element (prior to inversion) is the B-to-A input.
The AO port-enable/-disable control is provided by OEA. When OEA is low or when VCC is less than 2.5 V, the
AO port is in the high-impedance state. When OEA is high, the AO port is active (high or low logic levels).
The B port is controlled by OEB and OEB. If OEB is low, or OEB is high, or when VCC is less than 2.5 V, the B port
is inactive. If OEB is high and OEB is low, the B port is active.
BG VCC and BG GND are the bias-generator reference inputs.
The A-to-B and B-to-A logic elements are active regardless of the state of their associated outputs. The logic
elements can enter new data (in flip-flop and latch modes) or retain previously stored data while the associated
outputs are in the high-impedance (AO port) or inactive (B port) states.
Output clamps are provided on the BTL outputs to reduce switching noise. One clamp reduces inductive ringing
effects on VOH during a low-to-high transition. The other clamps out ringing below the BTL VOL voltage of 0.75 V.
Both of these clamps are active only during AC switching and do not affect the BTL outputs during steady-state
conditions.
BIAS VCC establishes a voltage between 1.62 V and 2.1 V on the BTL outputs when VCC is not connected.
The SN74FB2033H is characterized for operation from 0
°C to 70°C.
Function Tables
FUNCTION TABLE
INPUTS
FUNCTION/MODE
OEA
OEB
OEB
OMODE1
OMODE0
IMODE1
IMODE0
LOOPBACK
FUNCTION/MODE
L
L
X
X
X
X
X
X
Isolation
L
X
H
X
XXX
X
Isolation
X
H
L
L
L
X
X
X
AI to B, buffer mode
X
H
L
L
H
X
X
X
AI to B, flip-flop mode
X
H
L
H
X
X
X
X
AI to B, latch mode
H
L
X
X
X
L
L
L
B to AO buffer mode
H
XH
X
X
L
L
L
B to AO, buffer mode
H
L
X
X
X
L
H
L
B to AO flip flop mode
H
XH
X
X
L
H
L
B to AO, flip-flop mode
H
L
X
X
X
H
X
L
B to AO latch mode
H
XH
X
X
H
X
L
B to AO, latch mode
H
L
X
X
X
L
L
H
AI to AO buffer mode
H
XH
X
X
L
L
H
AI to AO, buffer mode
H
L
X
X
X
L
H
H
AI to AO flip flop mode
H
XH
X
X
L
H
H
AI to AO, flip-flop mode
H
L
X
X
X
H
X
H
AI to AO latch mode
H
XH
X
X
H
X
H
AI to AO, latch mode
H
H
L
X
X
X
X
L
AI to B, B to AO


Similar Part No. - SN74FB2033H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARC TI-SN74FB2033ARC Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARC TI1-SN74FB2033ARC Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Similar Description - SN74FB2033H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com