Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-401 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # LB-401
Description  Embedded Board with VGA/Sound/2LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

LB-401 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  LB-401 Datasheet HTML 1Page - Protech Systems Co., Ltd. LB-401 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel Pentium 4/ Pentium 4-M
/ Celeron
processor
1.8~3.06GHz
Intel
845GV + ICH4
2x184-pin DDR DIMM, support DDR333
SDRAMupto2GB
Phoenix-Award PnP BIOS, with VGA BIOS
1~255 secs Watchdog timer selectable
w/Reset/NMI
Support AT/ATX power
+5V, +12V, -12V
+5V:3.17A /+12V:2.84A (Pentium 4-M 2.0GHz)
+5V:3.42A /+12V:7.98A (Pentium 4 3.06GHz)
185mm x 122mm (7.28" x 4.8")
Socket 478 P4/P4-M 5.25" Board with VGA/Sound/2LAN
LB-401
LB-401
INTEL
845GV
ICH4
PPCI
A30
B30
A1
B1
DIMM 2
DIMM 1
PW1
19
20
2
3
1
4
2
JCN1
FAN1
1
83627
WINBOND
6
2
JP5
2
1
JP7
1
JP2
2
19
1
1
JP1
PCI1
J3
19
1
J2
J1
1
2
9
10
JP6
DVO1
B1
A1
A25
B25
B1
A1
A25
B25
DVO2
1
9
8
16
JIRDA1
1
ALC202A
BZ1
1 MS1
1 KB1
PERFORMANCE & POWER CONSUMPTION
3D Mark 2001 SE
Build 330
PC Mark 2002
Power Consumption
+5V / +12V / +5VSB
CPU Type
Pentium R 43.06GHz
Pentium R 4-M 1.7GHz
1903
1563
7463
4200
3.42A / 7.82A / 0.15A
3.17A / 2.64A / 0.17A
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Jan. 2005.
Specifications
R
R
R
R
o
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-401
Certificate: CE, FCC, CLASS A
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-401
Certificate: CE, FCC, CLASS A
1(SIR)
4-pin header with mini DIN cable
4-pin header with mini DIN cable
LAN 1: Intel 82562EM (10/100 Mbps)
LAN 2: Intel 82541GI (10/100/1000 Mbps)
Support Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with
Line-in/Line-out/MIC
4xUSB2.0
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
storage humidity 20~95%
R
R
1x40-pin IDE (UDMA 33/66/100)
1x44-pin IDE (UDMA 33/66/100)
1 x compact flash slot (IDE)
1
PCI slot, EPCI
4 x COM ports, COM1/3/4 for RS232, COM2 for
RS232/422/485 ( for 16550 compatible type of UART)
1 x parallel (SPP/EPP/ECP)
Built-in Intel 845GV, share system memory
Support CRT & DVO
DVO
5.25" S478 P4/P4-M SBC with VGA /audio /LANx2
(10/100Mbps & 10/100/1000Mbps)
R
R
R
R
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port


Similar Part No. - LB-401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Rohm
LB-402 ROHM-LB-402 Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
More results

Similar Description - LB-401

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PMB-441 PROTECHSYSTEMS-PMB-441 Datasheet
191Kb / 1P
   Socket 775 Pentium 4 Motherboard with VGA/Sound/2LAN
PMB-732LF PROTECHSYSTEMS-PMB-732LF Datasheet
546Kb / 2P
   Socket P Intel짰 CoreTM 2 Duo / Celeron짰 Motherboard w / VGA / Sound / 2LAN
logo
List of Unclassifed Man...
SOMO-14D ETC2-SOMO-14D Datasheet
860Kb / 11P
   Embedded Audio-Sound Module
SOMO-II ETC2-SOMO-II Datasheet
985Kb / 17P
   Embedded Audio-Sound Module
logo
Taiwan Memory Technolog...
T62M0002A TMT-T62M0002A_07 Datasheet
63Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M0002A TMT-T62M0002A Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
logo
Compex Systems Pte. Lte...
WPJ563 COMPEX-WPJ563 Datasheet
1Mb / 6P
   QCA9563 Embedded Board with on-board Wireless
logo
Protech Systems Co., Lt...
PSB-1720 PROTECHSYSTEMS-PSB-1720 Datasheet
642Kb / 2P
   Socket 478 Pentium 4 CPU Card with VGA/Sound/LAN
LB-502LF PROTECHSYSTEMS-LB-502LF Datasheet
901Kb / 2P
   Embedded Board
LB-501 PROTECHSYSTEMS-LB-501 Datasheet
481Kb / 2P
   Embedded Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com