Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-502LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # LB-502LF
Description  Embedded Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

LB-502LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  LB-502LF Datasheet HTML 1Page - Protech Systems Co., Ltd. LB-502LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Socket 478 Pentium M Embedded Board w / VGA / Audio / 2LAN
(FSB: 400MHz)
LAN 1: Intel
82562ET (10/100 Mbps)
LAN 2: Intel
82541PI (10/100/1000 Mbps)
Support Wake-on-LAN with ATX power
5.25" S478 Pentium-M / Celeron-M SBC w VGA /
Audio / LAN x 2 (10/100Mbps & 10/100/1000Mbps)
DEC. 2006.
LB-502LF
LB-502LF
Power Consumption
LB-502LF
+5V : 3.68A / +12V : 2.8A (Pentium M LV 1.4GHz)
Parallel Port
1 x parallel (SPP/EPP/ECP)
Support CRT, LVDS, DVO


Similar Part No. - LB-502LF

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-502DD ROHM-LB-502DD Datasheet
72Kb / 3P
   High efficiency, two-digit numeric displays
LB-502DD ROHM-LB-502DD Datasheet
142Kb / 4P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
72Kb / 3P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
142Kb / 4P
   High efficiency, two-digit numeric displays
More results

Similar Description - LB-502LF

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
LB-501 PROTECHSYSTEMS-LB-501 Datasheet
481Kb / 2P
   Embedded Board
LB-471LF PROTECHSYSTEMS-LB-471LF Datasheet
377Kb / 2P
   Embedded Board
LB-562LF PROTECHSYSTEMS-LB-562LF Datasheet
423Kb / 2P
   Embedded Board
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
BOSER Technology Co., L...
HS-2605 BOSER-HS-2605_1 Datasheet
3Mb / 82P
   EDEN Embedded Engine Board
HS-2606 BOSER-HS-2606_1 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
HS-2604 BOSER-HS-2604 Datasheet
2Mb / 78P
   EDEN Embedded Engine Board
logo
Protech Systems Co., Lt...
LB-381LF PROTECHSYSTEMS-LB-381LF Datasheet
338Kb / 2P
   VIA Mark Embedded Board
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
logo
Adlink Technology Inc.
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
   Mini-ITX Embedded Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com