Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB2040RC Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74FB2040RC
Description  8-BIT TTL/BTL TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2040RC Datasheet(HTML) 5 Page - Texas Instruments

  SN74FB2040RC Datasheet HTML 1Page - Texas Instruments SN74FB2040RC Datasheet HTML 2Page - Texas Instruments SN74FB2040RC Datasheet HTML 3Page - Texas Instruments SN74FB2040RC Datasheet HTML 4Page - Texas Instruments SN74FB2040RC Datasheet HTML 5Page - Texas Instruments SN74FB2040RC Datasheet HTML 6Page - Texas Instruments SN74FB2040RC Datasheet HTML 7Page - Texas Instruments SN74FB2040RC Datasheet HTML 8Page - Texas Instruments SN74FB2040RC Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74FB2040
8-BIT TTL/BTL TRANSCEIVER
SCBS173N – NOVEMBER 1991 – REVISED MARCH 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
AI
B
3.2
4.5
6
2.4
6.5
ns
tPHL
AI
B
2.8
4.2
5.6
2.7
5.8
ns
tPLH
B
AO
2.3
3.8
5.7
1.9
6.2
ns
tPHL
B
AO
2.3
4.2
5.9
2
8.2
ns
tPLH
OEB
B
3.7
5.1
6.7
3
7
ns
tPHL
OEB
B
3.1
4.6
5.9
3
6.1
ns
tPLH
OEB
B
3.6
5.2
6.8
3.3
7
ns
tPHL
OEB
B
2.9
4.4
5.9
2.6
6.1
ns
tPZH
OEA
AO
2.5
4
5.5
2.1
5.8
ns
tPZL
OEA
AO
2.1
3.6
4.8
2
5
ns
tPHZ
OEA
AO
2.3
4.1
5.9
1.9
6.5
ns
tPLZ
OEA
AO
1.6
3.1
4.5
1.4
4.7
ns
tsk(p)
Skew for any single channel
tPHL – tPLH, AI to B or B to AO
0.5
ns
tsk(o)
Skew between drivers in the same package, AI to B or B to AO
0.4
ns
tr
Rise time, 1.3 V to 1.8 V, B port
2
2.8
3.8
1.7
ns
tf
Fall time, 1.8 V to 1.3 V, B port
1
1.9
3
1
4.2
ns
t(pr)
B-port input pulse rejection
1
3.4
ns


Similar Part No. - SN74FB2040RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARC TI-SN74FB2041ARC Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARCG3 TI-SN74FB2041ARCG3 Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARCR TI-SN74FB2041ARCR Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARCRG3 TI-SN74FB2041ARCRG3 Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
More results

Similar Description - SN74FB2040RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com