Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB2041ARC Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74FB2041ARC
Description  7-BIT TTL/BTL TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2041ARC Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74FB2041ARC Datasheet HTML 2Page - Texas Instruments SN74FB2041ARC Datasheet HTML 3Page - Texas Instruments SN74FB2041ARC Datasheet HTML 4Page - Texas Instruments SN74FB2041ARC Datasheet HTML 5Page - Texas Instruments SN74FB2041ARC Datasheet HTML 6Page - Texas Instruments SN74FB2041ARC Datasheet HTML 7Page - Texas Instruments SN74FB2041ARC Datasheet HTML 8Page - Texas Instruments SN74FB2041ARC Datasheet HTML 9Page - Texas Instruments SN74FB2041ARC Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74FB2041A
7-BIT TTL/BTL TRANSCEIVER
SCBS172M – NOVEMBER 1991 – REVISED MARCH 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
AI
B
2.3
3.9
5.1
2
5.6
ns
tPHL
AI
B
2.6
4.1
5
2.5
5.3
ns
tPLH
B
AO
2
3.6
4.8
1.7
5.3
ns
tPHL
B
AO
2.3
3.8
4.9
2
6.4
ns
tPLH
OEB
B
3
4.6
5.8
2.6
6.3
ns
tPHL
OEB
B
3.1
4.7
6
3.1
6.2
ns
tPLH
OEB
B
2.7
4.3
5.6
2.6
5.8
ns
tPHL
OEB
B
2.7
4.2
5.3
2.5
6.4
ns
tPZH
OEA
AO
1.5
3.2
5.2
1.5
5.2
ns
tPZL
OEA
AO
1.1
2.8
5
1
5
ns
tPHZ
OEA
AO
1
2.4
3.9
1
4.2
ns
tPLZ
OEA
AO
2.2
3.8
5.6
1.7
5.8
ns
tsk(p)†
Pulse skew, AI to B or B to AO
0.5
ns
tsk(o)†
Output skew, AI to B or B to AO
0.4
ns
tt
Rise time, 1.3 V to 1.8 V, B outputs
1
1.6
2.4
1
2.5
ns
tt
Fall time, 1.8 V to 1.3 V, B outputs
1
1.4
2.3
1
2.4
ns
t(pr)
B-port input pulse rejection
1
1
ns
† Skew values are applicable for through mode only.


Similar Part No. - SN74FB2041ARC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RC TI-SN74FB2040RC Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCG3 TI-SN74FB2040RCG3 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCR TI-SN74FB2040RCR Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCRG3N TI-SN74FB2040RCRG3N Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
More results

Similar Description - SN74FB2041ARC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com