Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HSTL162822DGG Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HSTL162822DGG
Description  14-BIT TO 28-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HSTL162822DGG Datasheet(HTML) 4 Page - Texas Instruments

  SN74HSTL162822DGG Datasheet HTML 1Page - Texas Instruments SN74HSTL162822DGG Datasheet HTML 2Page - Texas Instruments SN74HSTL162822DGG Datasheet HTML 3Page - Texas Instruments SN74HSTL162822DGG Datasheet HTML 4Page - Texas Instruments SN74HSTL162822DGG Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74HSTL162822
14-BIT TO 28-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SCES091A – DECEMBER 1996 – REVISED APRIL 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
LOAD CIRCUIT
Data Input
VREF
1.25 V
0.25 V
VREF
VREF
1.25 V
0.25 V
1.25 V
0.25 V
VREF
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
VREF
VREF
1.25 V
0.25 V
1.5 V
1.5 V
VOH
VOL
Input
(see Note B)
Output
VREF
From Output
Under Test
CL = 80 pF
(see Note A)
500
LE
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 1 ns, tf ≤ 1 ns.
C. The outputs are measured one at a time with one transition per measurement.
D. tPHL and tPLH are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HSTL162822DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HSTL16918 TI-SN74HSTL16918 Datasheet
75Kb / 5P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SN74HSTL16918 TI1-SN74HSTL16918 Datasheet
299Kb / 9P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SN74HSTL16918DGG TI-SN74HSTL16918DGG Datasheet
75Kb / 5P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SN74HSTL16918DGGR TI1-SN74HSTL16918DGGR Datasheet
299Kb / 9P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SN74HSTL16918 TI1-SN74HSTL16918_08 Datasheet
299Kb / 9P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
More results

Similar Description - SN74HSTL162822DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HSTL16918 PHILIPS-HSTL16918 Datasheet
70Kb / 8P
   9-bit to 18-bit HSTL-to-LVTTL memory address latch
2001 Jun 16
logo
Texas Instruments
SN74HSTL16918 TI-SN74HSTL16918 Datasheet
75Kb / 5P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SN74HSTL16918 TI1-SN74HSTL16918_08 Datasheet
299Kb / 9P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH
SN74HSTL16919 TI-SN74HSTL16919 Datasheet
135Kb / 8P
[Old version datasheet]   9-BIT TO 18-BIT HSTL-TO-LVTTL MEMORY ADDRESS LATCH WITH INPUT PULLUP RESISTORS
logo
Renesas Technology Corp
HD74LS259 RENESAS-HD74LS259 Datasheet
182Kb / 8P
   8-bit Address Latch
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865 TI1-74SSTUB32865 Datasheet
772Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865A TI1-74SSTUB32865A Datasheet
773Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com