Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT1008LSCF-4R7K Datasheet(PDF) 1 Page - Central Technologies

Part # CT1008LSCF-4R7K
Description  Wire-wound Chip Inductors - Open
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1008LSCF-4R7K Datasheet(HTML) 1 Page - Central Technologies

  CT1008LSCF-4R7K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.09.05
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
2.92
2.79
2.1
0.51
1.52
0.51
inches
0.113
0.108
0.081
0.019
0.059
0.019
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1008LSC-22N_
J = ±5%, K = ±10%
CT1008LSCF Please specify “F” for RoHS compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω)
(mA)
CT1008LSC_-5N0K
.005
100
10
100
3000
.25
2000
CT1008LSC_-10NK
.010
100
10
100
2500
.25
1800
CT1008LSC_-12NK
.012
100
15
100
2400
.26
1700
CT1008LSC_-15NK
.015
100
15
100
2300
.28
1600
CT1008LSC_-18NK
.018
100
15
100
2200
.30
1550
CT1008LSC_-22N_
.022
100
20
100
2100
.35
1500
CT1008LSC_-27N_
.027
100
20
100
2000
.40
1450
CT1008LSC_-33N_
.033
100
30
100
1600
.42
1400
CT1008LSC_-39N_
.039
100
35
100
1500
.45
1350
CT1008LSC_-47N_
.047
100
35
100
1400
.50
1300
CT1008LSC_-56N_
.056
100
35
100
1300
.60
1250
CT1008LSC_-68N_
.068
100
35
100
1200
.65
1240
CT1008LSC_-82N_
.082
100
35
100
1100
.75
1230
CT1008LSC_-R10_
.10
100
35
100
800
.80
1220
CT1008LSC_-R12_
.12
25.2
30
25.2
700
.30
900
CT1008LSC_-R15_
.15
25.2
30
25.2
550
.35
900
CT1008LSC_-R18_
.18
25.2
30
25.2
500
.40
850
CT1008LSC_-R22_
.22
25.2
30
25.2
450
.50
840
CT1008LSC_-R27_
.27
25.2
30
25.2
425
.55
830
CT1008LSC_-R33_
.33
25.2
30
25.2
400
.60
820
CT1008LSC_-R39_
.39
25.2
30
25.2
375
.65
810
CT1008LSC_-R47_
.47
25.2
30
25.2
350
.68
800
CT1008LSC_-R56_
.56
25.2
30
25.2
325
.75
800
CT1008LSC_-R68_
.68
25.2
30
25.2
300
.85
800
CT1008LSC_-R82_
.82
25.2
30
25.2
260
1.0
800
CT1008LSC_-1R0_
1.0
7.96
25
7.96
245
1.1
800
CT1008LSC_-1R2_
1.2
7.96
25
7.96
230
1.2
790
CT1008LSC_-1R5_
1.5
7.96
25
7.96
182
1.3
750
CT1008LSC_-1R8_
1.8
7.96
25
7.96
135
1.5
750
CT1008LSC_-2R2_
2.2
7.96
25
7.96
105
1.6
750
CT1008LSC_-2R7_
2.7
7.96
25
7.96
70
1.7
740
CT1008LSC_-3R3_
3.3
7.96
25
7.96
55
1.9
730
CT1008LSC_-3R9_
3.9
7.96
25
7.96
48
2.1
700
CT1008LSC_-4R7_
4.7
7.96
25
7.96
43
2.3
650
CT1008LSC_-5R6_
5.6
7.96
20
7.96
42
2.5
640
CT1008LSC_-6R8_
6.8
7.96
20
7.96
39
2.7
630
CT1008LSC_-8R2_
8.2
7.96
20
7.96
36
3.1
600
CT1008LSC_-100_
10
2.52
15
2.52
33
3.5
600
CT1008LSC_-120_
12
2.52
15
2.52
30
3.8
550
CT1008LSC_-150_
15
2.52
15
2.52
26
4.4
430
CT1008LSC_-180_
18
2.52
15
2.52
24
4.8
400
CT1008LSC_-220_
22
2.52
15
2.52
22
5.5
400
CT1008LSC_-270_
27
2.52
15
2.52
21
6.3
360
CT1008LSC_-330_
33
2.52
15
2.52
20
7.1
350
CT1008LSC_-390_
39
2.52
10
2.52
18
9.5
330
CT1008LSC_-470_
47
2.52
10
2.52
17
11.1
300
CT1008LSC_-560_
56
2.52
10
2.52
16
12.1
270
CT1008LSC_-680_
68
2.52
10
2.52
15
16.6
250
CT1008LSC_-820_
82
2.52
10
2.52
13
19
200
CT1008LSC_-101_
100
0.796
8
0.796
12
21
120
CT1008LSC Series
From .005 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ferrite core wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Parts are marked with color dots in nanoHenries.
Example: 10uH = 10000nH
marking would be Brown, Black,
Orange(103).
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
B
C
D
D
E
F
Overall
PAD LAYOUT
2.54
(0.1)
1.27
(0.05)
1.02
(0.04)
1.02
(0.04)
RoHS
Compliant
Available


Similar Part No. - CT1008LSCF-4R7K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008LSCF CT-CT1008LSCF Datasheet
337Kb / 1P
   Wire-wound Chip Inductors - Open
More results

Similar Description - CT1008LSCF-4R7K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
   Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
   Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com