Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86059-1110 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86059-1110
Description  Optical Industrial Cable Assemblies and Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86059-1110 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86059-1110 Datasheet HTML 1Page - Molex Electronics Ltd. 86059-1110 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Optical Industrial
Cable Assemblies
and Adapters
86059 LC Duplex
I Industrial
- System controls
- Monitoring
- High Electro Magnetic Interference (EMI) and
Radio Frequency Interference (RFI) areas
I Medical equipment
I Telecommunication/CATV
- FTTx
- Outdoor system connections
I Other markets
- Rugged test equipment
- Mobile broadcasting or audio visual equipment
- Food processing
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/fiber/industrial_lc.html
Order No. USA-289
Printed in USA/JI/2005.02
©2005 Molex
ORDERING INFORMATION
Note: 1. Optical industrial assemblies are supplied in a cable assembly form only
2. Above part numbers are for reference drawings only, all assemblies will be assigned custom part numbers
Ball Park – outdoor system connections
Cable Assemblies
Adapters
Order No.
Cable
Cable Diameter
Fiber Type
86059-0100
Indoor
<6mm
Multimode
86059-0110
Indoor
<6mm
Single mode
86059-1100
Outdoor
>6mm
Multimode
86059-1110
Outdoor
<6mm
Single mode
Order No.
Alignment Sleeve
Mode
86059-0200
Phosphor Bronze
Multimode
86059-0210
Zirconia
Single mode


Similar Part No. - 86059-1110

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8605 GILWAY-8605 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
1Mb / 14P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Filtran LTD
8605 FILTRAN-8605 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
926Kb / 13P
   Direct-acting 2-way standard solenoid control valve
25.10.2023
logo
List of Unclassifed Man...
8605 ETC2-8605 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
More results

Similar Description - 86059-1110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106059-0100 MOLEX-106059-0100 Datasheet
962Kb / 6P
   Optical Industrial Cable Assemblies and Adapters
86389-0001 MOLEX-86389-0001 Datasheet
346Kb / 2P
   Optical Military Cable Assemblies
106284-0001 MOLEX-106284-0001 Datasheet
832Kb / 2P
   CXP Optical Cable Assemblies
86085-0000 MOLEX-86085-0000 Datasheet
162Kb / 2P
   Optical Break-Out Cable Assemblies
86115-3100 MOLEX-86115-3100 Datasheet
673Kb / 2P
   Optical EMI Adapters
86282-4817 MOLEX-86282-4817 Datasheet
213Kb / 2P
   MTP* Optical Round Ribbon Cable Assemblies
logo
List of Unclassifed Man...
OBR4200 ETC2-OBR4200 Datasheet
1Mb / 2P
   Verify quality of optical fiber cable assemblies, connectors and short-run networks
logo
Molex Electronics Ltd.
106100-9000 MOLEX-106100-9000 Datasheet
730Kb / 2P
   Optical Multi-Format EMI Adapters
106501-1000 MOLEX-106501-1000 Datasheet
1Mb / 2P
   Sealed SFP Assemblies Integrated Optical and Electrical Receptacles
48391 MOLEX-48391 Datasheet
2Mb / 5P
   USB 3.0 Connectors and Cable Assemblies
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com