Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43860-0012 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43860-0012
Description  Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43860-0012 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43860-0012 Datasheet HTML 1Page - Molex Electronics Ltd. 43860-0012 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Molex's New Modular Jacks
With Lightpipes Reduce
EMI/RFI Over 50%
Molex Incorporated introduces a new inverted right angle
modular jack with lightpipes that significantly reduces the
noise created by the "antenna" effect of LED leads incorporated
into the modular jack. The lightpipes direct the light emitted
from the LEDs mounted on the PC board rather than using
conventional LEDs mounted in the modular jacks. This design
maintains signal integrity since there is no interference from
LED leads. Because the LEDs are located on the PC board, you
can select the colors used for the LEDs. Unlike typical LED
modular jacks, you are not restricted to the standard green,
yellow or orange LEDs. The combination of PC board mounted
LEDs and lightpipes results in less noise being radiated though
transmission lines.
The inverted modular jacks with lightpipes are available in
through hole styles for wave soldering or a high temperature
version for reflow soldering. The high-temperature version
maintains performance at a +260°C reflow soldering
temperature for 1 minute without deforming the modular jack
or lightpipe. Shielded and unshielded offerings are available
for both RJ11 and RJ45 configurations for the standard
through hole version and a shielded modular jack is offered
with the high temperature lightpipes.
Features and Benefits
s
Signal integrity remains high due to no interference from
LED leads
s
Lightpipes reduce the electronic noise from LEDs by as
much as 50%
s
The inverted RJ45 Lightpipe modular jack provides Cate-
gory 5 performance for fast Ethernet applications
s
Meets FCC 68.5 specification when plating selection is 50µ"
of gold (30 and 15µ" of gold plating are also available)
s
Each Molex modular jack is 100% electronically tested to
detect possible shorting conditions before the product is
shipped
s
Plug latch on top of jack provides easy thumb depression
for mating and unmating
s
Inventory can be reduced by not stocking modjacks with
different colored LEDs
Typical Applications
s
Networking Products (Hubs, Routers, Switches, and
Bridges)
s
Security Systems
s
Multimedia Set-Top Boxes (Interactive)
s
Mini-PCI
s
Home Office Routers and Hubs
s
Modems
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
Fax: 630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
Fax: 81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel: 65-268-6868
Fax: 65-265-6044
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
Fax: 49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel: 630-969-4550
Fax: 630-969-1352
Visit our Web site at http: //www.molex.com
Order No. USA-062
Printed in USA/5K/JI/JI/99.08
©
1999, Molex


Similar Part No. - 43860-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43860-0012 MOLEX6-43860-0012 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, Lightpipes, 6/4
More results

Similar Description - 43860-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44050 MOLEX-44050 Datasheet
610Kb / 4P
   High Speed, Right Angle Low Profile Shielded and Unshielded Versions
0438600022 MOLEX6-0438600022 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6, Unshielded
0438600023 MOLEX6-0438600023 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, Unshielded
0438600021 MOLEX6-0438600021 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, Unshielded
0438600009 MOLEX6-0438600009 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4
0438600007 MOLEX6-0438600007 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8
0438600008 MOLEX6-0438600008 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6
0438601017 MOLEX6-0438601017 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel GroundingTabs, Lightpipes, 6/6
0443800001 MOLEX6-0443800001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800022 MOLEX6-0443800022 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com