Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF0703 Datasheet(PDF) 2 Page - Superworld Electronics

Part # STF0703
Description  COMMON MODE CHOKE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STF0703 Datasheet(HTML) 2 Page - Superworld Electronics

  STF0703 Datasheet HTML 1Page - Superworld Electronics STF0703 Datasheet HTML 2Page - Superworld Electronics STF0703 Datasheet HTML 3Page - Superworld Electronics STF0703 Datasheet HTML 4Page - Superworld Electronics STF0703 Datasheet HTML 5Page - Superworld Electronics STF0703 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(a) Core : Ferrite Core
(b) Wire : Enamelled Copper Wire
(c) Base : Phenolic
(d) Cover : Phenolic
SUPERWORLD ELECTRONICS (S) PTE LTD
4. MATERIALS :
COMMON MODE CHOKE
STF0703 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
09.05.2008
(e) Adhesive : Epoxy
f
6. ELECTRICAL CHARACTERISTICS :
a) Temp. rise : 45°C Max. at rated current
b) Storage temp. : -40°C to +125°C
c) Operating temp. : -40°C to +80°C
d) Resistance to solder heat : 260°C. 10secs
5. GENERAL SPECIFICATION :
Part No.
STF07036R0YZF
STF0703101YZF
STF0703550YZF
STF0703250YZF
STF0703151YZF
150.0±40%
0.420 Max.
100.0±40%
55.0±40%
25.0±40%
0.130 Max.
0.220 Max.
0.070 Max.
0.65
900 Min.
2 ~ 40
500 Min.
1.10
0.90
600 Min.
1.60
300 Min.
5 ~ 100
3 ~ 60
10 ~ 700
( A )
Rated Current
Inductance
DC Resistance
6.0±40%
( µH )
L1 , L2
(
)
0.040 Max.
N1 , N2
Frequency
2.00
90 Min.
Impedance
(
)
( MHz )
20 ~ 1000
Range
* Hi-Pot Test ( N1-N2 ) : 500VAC 60Hz 3mA 1 Minute
e
a
b
d
c
(f) Ink : Bon Margue


Similar Part No. - STF0703

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STF0402 SUPERWORLD-STF0402 Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402100YZF SUPERWORLD-STF0402100YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402151YZF SUPERWORLD-STF0402151YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402221YZF SUPERWORLD-STF0402221YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402400YZF SUPERWORLD-STF0402400YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
More results

Similar Description - STF0703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com