Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW112S05HISMF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SW112S05HISMF
Description  1W High Isolation 3kVdc SMD 24-pin DIP DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW112S05HISMF Datasheet(HTML) 1 Page - Superworld Electronics

  SW112S05HISMF Datasheet HTML 1Page - Superworld Electronics SW112S05HISMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW1 HISM Series Product Datasheet
www.superworld.com.sg
1 of 2
MECHANICAL
SPECIFICATIONS
SUPERWORLD ELECTRONICS
FEATURES
3kVdc Isolated Single & Dual Outputs
Low Cost, High Performance
Industry standard 24-pin DIP SMD
Operating Temp Range –40
oC to 85oC
2 Years Warranty
Internal Input and Output Filtering
DESCRIPTION
The SW1 HISM Series provides 3kVdc isolation
for the most challenging of applications. The
industry standard 24-pin DIP SMD package size
of 32.6 x 13.3 x 9.5 mm, is fully isolated with
single and dual output models. The SW1 HISM
is fully encapsulated in a non-flammable plastic
case (meeting UL 94V-0) and is designed to
meet EN60950 and UL1950 safety standards
.
Pin
Function
(SINGLE)
Function
(DUAL)
1
+Vout
+Vout
2
-Vout
Common
3
Not Used
-Vout
10
-Vin
-Vin
11
NC
NC
12
+Vin
+Vin
13
+Vin
+Vin
14
NC
NC
15
-Vin
-Vin
22
Not Used
-Vout
23
-Vout
Common
24
+Vout
+Vout
SW1 HISM PRODUCT RANGE
Model
Vin (nom)
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated)
(mA)
Eff.
(%)
SW105S05HISMF
5
5
200
290
69
SW105S12HISMF
5
12
83
285
70
SW105S15HISMF
5
15
66
279
71
SW105D05HISMF
5
±
5
±
100
294
68
SW105D12HISMF
5
±
12
±
42
296
68
SW105D15HISMF
5
±
15
±
42
336
75
SW112S05HISMF
12
5
200
108
77
SW112S12HISMF
12
12
83
108
77
SW112S15HISMF
12
15
66
107
77
SW112D05HISMF
12
±
5
±
100
117
71
SW112D12HISMF
12
±
12
±
42
114
74
SW112D15HISMF
12
±
15
±
42
136
77
SW115S05HISMF
15
5
200
97
69
SW115S12HISMF
15
12
83
96
69
SW115S15HISMF
15
15
66
96
69
SW115D05HISMF
15
±
5
±
100
97
69
SW115D12HISMF
15
±
12
±
42
86
78
SW115D15HISMF
15
±
15
±
42
106
79
SW124S05HISMF
24
5
200
63
66
SW124S12HISMF
24
12
83
63
66
SW124S15HISMF
24
15
66
60
69
SW124D05HISMF
24
±
5
±
100
60
69
SW124D12HISMF
24
±
12
±
42
63
67
SW124D15HISMF
24
±
15
±
42
76
69
Note : All dimensions are in inches (in mm)
Tolerances = ± 0.001 inch (± 0.25mm
)
SW1 HISM Series – 1W High Isolation 3kVdc
SMD 24-pin DIP DC-DC Converter
SW105S05HISMF


Similar Part No. - SW112S05HISMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW112S05HIMSMF SUPERWORLD-SW112S05HIMSMF Datasheet
180Kb / 2P
   0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
More results

Similar Description - SW112S05HISMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW105S05EHISMF SUPERWORLD-SW105S05EHISMF Datasheet
158Kb / 2P
   1W High Isolation 3kVdc Surface Mount DC-DC Converter
logo
Delta Electronics, Inc.
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Delta Electronics, Inc.
SB01S DELTA-SB01S Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
   1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
TPB-1W TOPPOWER-TPB-1W_V02 Datasheet
262Kb / 3P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W Datasheet
410Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V01 Datasheet
233Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com