Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCDRH73B Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH73B
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH73B Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH73B Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
Size
A
B
C
D
E
Max.
Max.
Max.
mm
7.5
7.5
3.4
2.7±0.5
5.4±0.2
inches
0.3
0.3
0.13
0.11±0.02
0.21±0.008
PHYSICAL DIMENSIONS
A
C
D
E
B
Marking
(Inductance Code)
XXX
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTCDRH73BF Please specify “F” for RoHS Compliant
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω)
(A)
CTCDRH73B_-100M
10
1.0
.07
1.7
CTCDRH73B_-120M
12
1.0
.10
1.5
CTCDRH73B_-150M
15
1.0
.13
1.3
CTCDRH73B_-180M
18
1.0
.14
1.2
CTCDRH73B_-220M
22
1.0
.19
1.1
CTCDRH73B_-270M
27
1.0
.21
.96
CTCDRH73B_-330M
33
1.0
.24
.91
CTCDRH73B_-390M
39
1.0
.32
.77
CTCDRH73B_-470M
47
1.0
.36
.76
CTCDRH73B_-560M
56
1.0
.47
.68
CTCDRH73B_-680M
68
1.0
.52
.61
CTCDRH73B_-820M
82
1.0
.69
.57
CTCDRH73B_-101M
100
1.0
.79
.50
CTCDRH73B_-121M
120
1.0
.89
.49
CTCDRH73B_-151M
150
1.0
1.3
.43
CTCDRH73B_-181M
180
1.0
1.5
.39
CTCDRH73B_-221M
220
1.0
1.7
.35
CTCDRH73B_-271M
270
1.0
2.3
.32
CTCDRH73B_-331M
330
1.0
2.6
.28
CTCDRH73B_-391M
390
1.0
2.9
.26
CTCDRH73B_-471M
470
1.0
4.2
.24
CTCDRH73B_-561M
560
1.0
4.7
.22
CTCDRH73B_-681M
680
1.0
5.7
.19
CTCDRH73B_-821M
820
1.0
6.5
.18
CTCDRH73B_-102M
1000
1.0
9.4
.16
CTCDRH73B Series
From 10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: Magnetically shielded
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
Available


Similar Part No. - CTCDRH73B

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH73BF CT-CTCDRH73BF Datasheet
293Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH73B

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com