Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44242-0003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44242-0003
Description  Micro-Fit 3.0??Test Plugs Won?셳 Damage Mating Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44242-0003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44242-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 44242-0003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Micro-Fit 3.0
Family
FEATURES
PRODUCT LINE OVERVIEW
Worldwide Web Site: http://www.molex.com
Corporate Headquarters: 2222 Wellington Ct., Lisle, IL 60532 U.S.A., Tel: 630-969-4550 • European Headquarters: Munich, Germany, Tel: 49-89-413092-0
Far East North Headquarters: Kanagawa, Japan, Tel: 81-462-65-2324 • Far East South Headquarters: Jurong, Singapore, Tel: 65-268-6868
Order No. USA-050
Printed in USA/10K/JI/JI/99.3
©1998, Molex
Fully isolated contacts
Full polarization — will not allow
mating of unlike circuit sizes
Positive locks
Polyester crimp housings
SMT/Surface Mount Capatible
(Through Hole) headers
Up to 2.5A per circuit
250 VAC rating
Dual row and single row
configurations
UL, CSA and TUV approved
Right Angle Header
(Through Hole)
43045
Female Terminal
43030
Male Terminal
43031
Right Angle Header
(SMT - Fitting Nail)
43045
Receptacle
43025
Plug
43020
Vertical Header
(Through Hole)
43045
Single Row
Receptacle
43645
Single Row
Plug
43640
Single Row Header
Right Angle, SMC
43650
Single Row Header
Vertical, SMC
43650
Single Row
Header
Right Angle
(SMC With Clip)
43650
Single Row
Header
Right Angle
(SMT with Peg)
43650
Single Row
Header
Right Angle
(SMT with Clip)
43650
Single Row Header
Right Angle
(SMT - Fitting Nail)
43650
Vertical Header
(SMT - Fitting Nail)
43045
Plating
Through Hole
SMT with Pegs
SMT with Clip
SMT with Nail
Dual Row
Single Row
Dual Row
Single Row
Dual Row
Single Row
Dual Row
Single Row
Tin
43045-XX00
43650-XX00
43045-XX03
43650-XX06
43045-XX06
43650-XX09
43045-XX09
43650-XX12
15µ" Gold
43045-XX01
43650-XX01
43045-XX04
43650-XX07
43045-XX07
43650-XX10
43045-XX10
43650-XX13
30µ" Gold
43045-XX02
43650-XX02
43045-XX05
43650-XX08
43045-XX08
43650-XX11
43045-XX11
43650-XX14
Receptacles (Use with 43030
terminals)
Plugs (Use with 43031 terminals)
Free Hanging
Panel Mount
Dual Row
Single Row
Dual Row
Single Row
Dual Row
Single Row
43025-XX00
43645-XX00
43020-XX01
43640-XX01
43020-XX00
43640-XX00
Crimp Terminals and Application Tooling
Crimp Housing
Vertical Headers
Right Angle Headers
Through Hole
SMT with Clip
SMT with Nail
Dual Row
Single Row
Dual Row
Single Row
Dual Row
Single Row
43045-XX12 43650-XX15 43045-XX15 43650-XX21 43045-XX18 43650-XX24
43045-XX13 43650-XX16 43045-XX16 43650-XX22 43045-XX19 43650-XX25
43045-XX14 43650-XX17 43045-XX17 43650-XX23 43045-XX20 43650-XX26
Application Tooling
Wire Size
AWG
Plating
Reel
Bag
TM40/42
Mini-Mac
Hand Tool
Extraction
Tool
Female
Male
Female
Male
Female
Male
20-24
Tin
43030-0001
43031-0001
43030-0007
43031-0007
11-40-2259
63820-8100
11-01-0200
11-01-0201
11-03-0043
26-30
Tin
43030-0004
43031-0004
43030-0010
43031-0010
11-40-2258
63820-8000
11-01-0200
11-01-0201
11-03-0043
20-24
15µ" Gold
43030-0002
43031-0002
43030-0008
43031-0008
11-40-2259
63820-8100
11-01-0200
11-01-0201
11-03-0043
26-30
15µ" Gold
43030-0005
43031-0005
43030-0011
43031-0011
11-40-2258
63820-8000
11-01-0200
11-01-0201
11-03-0043
20-24
30µ" Gold
43030-0003
43031-0003
43030-0009
43031-0009
11-40-2259
63820-8100
11-01-0200
11-01-0201
11-03-0043
26-30
30µ" Gold
43030-0006
43031-0006
43030-0012
43031-0012
11-40-2258
63820-8000
11-01-0200
11-01-0201
11-03-0043
For dual row, replace XX with number of circuits, 02-24.
For single row, replace XX with number of circuits, 02-12.
30µ" Gold
15µ" Gold
Tin
Plating


Similar Part No. - 44242-0003

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4424 VBSEMI-4424 Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
logo
List of Unclassifed Man...
44240 ETC1-44240 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
logo
Molex Electronics Ltd.
44245-0010 MOLEX-44245-0010 Datasheet
346Kb / 2P
   Board-to-Board Connector Hermaphroditic
44245-0020 MOLEX-44245-0020 Datasheet
346Kb / 2P
   Board-to-Board Connector Hermaphroditic
44245-0030 MOLEX-44245-0030 Datasheet
346Kb / 2P
   Board-to-Board Connector Hermaphroditic
More results

Similar Description - 44242-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44281-0001 MOLEX-44281-0001 Datasheet
68Kb / 2P
   Mini-Fit??Test Plugs
0462355004 MOLEX6-0462355004 Datasheet
169Kb / 2P
   Micro-Fit 3.0??High Mating Cycle, Reduced Mating Force, Crimp Terminal
0462355003 MOLEX6-0462355003 Datasheet
169Kb / 2P
   Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38um
0462355002 MOLEX6-0462355002 Datasheet
169Kb / 2P
   Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u")
43020-0600 MOLEX11-43020-0600 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0601 MOLEX11-43020-0601 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0608 MOLEX11-43020-0608 Datasheet
58Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-0800 MOLEX11-43020-0800 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1000 MOLEX11-43020-1000 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
43020-1600 MOLEX11-43020-1600 Datasheet
57Kb / 2P
   Micro-Fit 3.0 Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com