Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86053-0500 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86053-0500
Description  FC Connectors & Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86053-0500 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86053-0500 Datasheet HTML 1Page - Molex Electronics Ltd. 86053-0500 Datasheet HTML 2Page - Molex Electronics Ltd. 86053-0500 Datasheet HTML 3Page - Molex Electronics Ltd. 86053-0500 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FC Connectors & Adapters
Performance and Specifications
Characteristics
Units
Min.
Typ.
Max.
Comments
Durability
~dB
-
-
.04
EIA/TIA 455 - 21A, 200 cycles,
clean every 25 cycles
Temperature Range:
Storage
ºC
-40
-
+80
May be further limited by cable specifications
Operating
ºC
-40
-
+80
May be further limited by cable specifications
Thermal Aging
~dB
-
-
.02
EIA/TIA 455 - 4A, 85ºC 14 days
Temperature Cycling
~dB
-
-
.07
EIA/TIA 455 - 3A, -40ºC to +75ºC, 42 cycles
Humidity Cycling
~dB
-
-
.04
EIA/TIA 455 - 5A, 95% RH 60ºC 14 days
Vibration
~dB
-
-
.01
EIA/TIA 455 - 11A, 10 to 50 Hz, 2 hrs./axis
Flex Test
~dB
-
-
.00
Telcordia 326, 0.9kg, 100 cycles
Twist Test
~dB
-
-
.01
Telcordia 326, 1.35kg load
Proof Test
~dB
-
-
.01
Telcordia 326, 4.5kg at 90º, 6.8kg at 0º
Straight Pull Test
~dB
-
-
.05
Telcordia 326, 4.5kg load
Side Pull Test
~dB
-
-
.37
Telcordia 326, 2.3kg load
Stability
~dB
-
-
.10
Telcordia 326, .45kg at 90º, 60º, 30º & 0º
Impact
~dB
-
-
.00
EIA/TIA 455 - 2A, 1.5 M drop, 8 cycles
Mechanical Dimensions
FC Connector, 3.0mm Boot Style
All dimensions in INCHES
mm
D
M8x 0.75
METRIC THREAD
ø.098
ø2.5
ø.380
ø9.7
2.097
53.3
.157
4.0
CABLE


Similar Part No. - 86053-0500

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8605 GILWAY-8605 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
1Mb / 14P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Filtran LTD
8605 FILTRAN-8605 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
926Kb / 13P
   Direct-acting 2-way standard solenoid control valve
25.10.2023
logo
List of Unclassifed Man...
8605 ETC2-8605 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
More results

Similar Description - 86053-0500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com