Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86056-5500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86056-5500
Description  FC/APC Connectors & Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86056-5500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86056-5500 Datasheet HTML 1Page - Molex Electronics Ltd. 86056-5500 Datasheet HTML 2Page - Molex Electronics Ltd. 86056-5500 Datasheet HTML 3Page - Molex Electronics Ltd. 86056-5500 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FC/APC Connectors & Adapters
NTT-FC* connector design
One-piece body design
for quick & easy assembly
Precision APC ferrule
- Superior performance
Low insertion loss:
< .25 dB TYP SM
Low return loss:
< 60 dB
Compatible with all APC hardware
- Standard NTT-FC key
- Tight fit key (compatible with
other manufacturers)
Features & Benefits
Applications
Telecommunication networks
CATV networks
Optical Performance Distribution
The Molex FC Angled Physical Contact (APC) connector series combines a NTT-FC connector design with a uniquely precise,
pre-angled, pre-radiused and pre-polished ferrule to deliver superior APC performance. This connector is available with
either the NTT-FC standard or non-standard, tight fit key configuration.
In angled fiber optic connectors, the ferrule endface geometry is especially critical. This is the reason Molex has developed a
unique polishing process which not only polishes an 8 degree angle on the ferrule endface, but also a 10mm radius. With
this endface geometry, physical contact of the fibers is maintained ensuring a minimum insertion loss and a maximum return
loss. Combining the pre-polished ferrule with the preassembled 1-piece body design produces a superior performance APC
connector that is easy to terminate in either the factory or in the field.
Flange mount or “D” hole adapters, in both standard or tight fit key configurations, provide connector-to-connector mating.
*NTT-FC is a trademark of NTT Advanced Technology Corporation
Insertion Loss Performance
(SM, APC ferrule, 9/125µm fiber)
Return Loss Performance
(9/125µm fiber, measured at 1550nm)
Insertion Loss (dB)
0
5
10
15
20
25
30
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
0.44
Return Loss (dB)
0
10
20
30
40
50
60
70
80
90
30
40
50
60
>70
Avg.: 0.25 dB
Std. Dev.: 0.06 dB
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber


Similar Part No. - 86056-5500

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8605 GILWAY-8605 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
1Mb / 14P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Filtran LTD
8605 FILTRAN-8605 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
926Kb / 13P
   Direct-acting 2-way standard solenoid control valve
25.10.2023
logo
List of Unclassifed Man...
8605 ETC2-8605 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
More results

Similar Description - 86056-5500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Pasternack Enterprises,...
PE300418-2 PASTERNACK-PE300418-2 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC
PE900040 PASTERNACK-PE900040 Datasheet
93Kb / 1P
   FC APC SIMPLEX TO FC APC SIMPLEX BULKHEAD
PE300418-3 PASTERNACK-PE300418-3 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC DUPLEX SINGLE MODE
PE300418-5 PASTERNACK-PE300418-5 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC DUPLEX SINGLE MODE
PE300418-1 PASTERNACK-PE300418-1 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC DUPLEX SINGLE MODE
logo
Molex Electronics Ltd.
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com