Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9279Z4-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AH9279Z4-G1
Description  TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9279Z4-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9279Z4-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH9279Z4-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Datasheet
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279
Apr. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
9
Typical Application
AH9279
12V
VDD
D1
C3
DO
GND
DOB
L2
L1
C1
C2
12
3
4
C1=C2=C3=2.2
µF typical
The value of the capacitor need to be fine tuned based on coils design.
Figure 14. Typical Application of AH9279 (12V Brushless DC Fan)
AH9279
24V
VDD
D1
C3
DO
GND
DOB
L2
L1
C1
C2
12
3
4
R1
R1=680
C1=C2=C3=2.2
µF/50V
Figure 15. Typical Application of AH9279 (24V Brushless DC Fan)


Similar Part No. - AH9279Z4-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9279Z4-G1 DIODES-AH9279Z4-G1 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results

Similar Description - AH9279Z4-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com