Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86125-0100 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 86125-0100
Description  LC Connectors and Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86125-0100 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  86125-0100 Datasheet HTML 1Page - Molex Electronics Ltd. 86125-0100 Datasheet HTML 2Page - Molex Electronics Ltd. 86125-0100 Datasheet HTML 3Page - Molex Electronics Ltd. 86125-0100 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LC Connectors and Adapters
Standard Part Numbers
Order Number
Description
Hole Size
Cable Size
86024-3000
LC connector, MM, zirconia ferrule, beige housing, white boot
128µm
1.6mm
86024-3300
LC connector, MM, zirconia ferrule, beige housing, white boot
128µm
2.0mm
86024-3500
LC connector, MM, zirconia ferrule, beige housing, white boot
128µm
900µm buffered fiber
86024-3400
LC connector, MM, zirconia ferrule, beige housing, 90° white boot
128µm
1.6mm
86024-3600
LC connector, MM, zirconia ferrule, beige housing, 90° white boot
128µm
2.0mm
86024-5000
LC connector, SM, zirconia ferrule, blue housing, white boot
126µm
1.6mm
86024-5300
LC connector, SM, zirconia ferrule, blue housing, white boot
126µm
2.0mm
86024-5500
LC connector, SM, zirconia ferrule, blue housing, white boot
126µm
900µm buffered fiber
86024-5400
LC connector, SM, zirconia ferrule, blue housing, 90° white boot
126µm
1.6mm
86024-5600
LC connector, SM, zirconia ferrule, blue housing, 90° white boot
126µm
2.0mm
86025-3000
LC duplex connector, MM, zirconia ferrule, beige housing, white boot
128µm
1.6mm
86025-3300
LC duplex connector, MM, zirconia ferrule, beige housing, white boot
128µm
2.0mm
86025-3400
LC duplex connector, MM, zirconia ferrule, beige housing, 90° white boot
128µm
1.6mm
86025-3600
LC duplex connector, MM, zirconia ferrule, beige housing, 90° white boot
128µm
2.0mm
86025-5000
LC duplex connector, SM, zirconia ferrule, blue housing, white boot
126µm
1.6mm
86025-5300
LC duplex connector, SM, zirconia ferrule, blue housing, white boot
126µm
2.0mm
86025-5400
LC duplex connector, SM, zirconia ferrule, blue housing, 90° white boot
126µm
1.6mm
86025-5600
LC duplex connector, SM, zirconia ferrule, blue housing, 90° white boot
126µm
2.0mm
86124-0010
LC simplex adapter, phosphor bronze sleeve, beige housing
86124-0000
LC simplex adapter, phosphor bronze sleeve, blue housing
86124-1010
LC simplex adapter, zirconia sleeve, beige housing
86124-1000
LC simplex adapter, zirconia sleeve, blue housing
86125-0110
LC duplex adapter, phosphor bronze sleeve, beige housing
86125-0100
LC duplex adapter, phosphor bronze sleeve, blue housing
86125-1110
LC duplex adapter, zirconia sleeve, beige housing
86125-1100
LC duplex adapter, zirconia sleeve, blue housing
86125-0010
LC duplex low profile adapter, phosphor bronze sleeve, beige housing
86125-0000
LC duplex low profile adapter, phosphor bronze sleeve, blue housing
86125-1010
LC duplex low profile adapter, zirconia sleeve, beige housing
86125-1000
LC duplex low profile adapter, zirconia sleeve, blue housing
86125-0210
LC duplex low profile adapter, phosphor bronze sleeve, beige housing, retainer
86125-0200
LC duplex low profile adapter, phosphor bronze sleeve, blue housing, retainer
86125-1210
LC duplex low profile adapter, zirconia sleeve, beige housing, retainer
86125-1200
LC duplex low profile adapter, zirconia sleeve, blue housing, retainer
86126-1400
LC duplex adapter, zirconia sleeve, blue housing, small flange mount style, SC footprint
86126-0410
LC duplex adapter, phosphor bronze sleeve, beige housing, small flange mount style, SC footprint
86126-1450
LC duplex adapter, zirconia sleeve, green housing, small flange mount style, SC footprint
86126-1300
LC duplex adapter, zirconia sleeve, blue housing, screw mount style, SC footprint
86126-0310
LC duplex adapter, phosphor bronze sleeve, beige housing, screw mount style, SC footprint
86126-1350
LC duplex adapter, zirconia sleeve, green housing, screw mount style, SC footprint
86127-1400
LC duplex adapter, zirconia sleeve, blue housing, small flange mount style, single side shutters, SC footprint
86127-0410
LC duplex adapter, phosphor bronze sleeve, beige housing, small flange mount style, single side shutters, SC footprint
86127-1450
LC duplex adapter, zirconia sleeve, green housing, small flange mount style, single side shutters, SC footprint
86127-1300
LC duplex adapter, zirconia sleeve, blue housing, screw mount style, single side shutters, SC footprint
86127-0310
LC duplex adapter, phosphor bronze sleeve, beige housing, screw mount style, single side shutters, SC footprint
86127-1350
LC duplex adapter, zirconia sleeve, green housing, screw mount style, single side shutters, SC footprint
86128-1300
LC duplex adapter, zirconia sleeve, blue housing, screw mount style, double side shutters, SC footprint
86128-0310
LC duplex adapter, phosphor bronze sleeve, beige housing, screw mount style, double side shutters, SC footprint
86128-1350
LC duplex adapter, zirconia sleeve, green housing, screw mount style, double side shutters, SC footprint
86128-1400
LC duplex adapter, zirconia sleeve, blue housing, small flange mount style, double side shutters, SC footprint
86128-0410
LC duplex adapter, phosphor bronze sleeve, beige housing, small flange mount style, double side shutters, SC footprint
86128-1450
LC duplex adapter, zirconia sleeve, green housing, small flange mount style, double side shutters, SC footprint
Mechanical Dimensions
All dimensions in INCHES
mm
LC Simplex Adapter
86001-0064 Rev. 7
USA/30MFO/2000.09
©2000, Molex
Molex reserves the right to make any changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.


Similar Part No. - 86125-0100

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8612 FILTRAN-8612 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8612 ETC2-8612 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
8612 ETC2-8612 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8612 APITECH-8612 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8612 BK-8612 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
More results

Similar Description - 86125-0100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
logo
Bel Fuse Inc.
AQUACONN BEL-AQUACONN Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
Molex Electronics Ltd.
106024-3500 MOLEX-106024-3500 Datasheet
314Kb / 3P
   LC Connectors and Adapter
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com