Electronic Components Datasheet Search |
|
AME8819AEHT180Z Datasheet(PDF) 5 Page - Analog Microelectronics |
|
AME8819AEHT180Z Datasheet(HTML) 5 Page - Analog Microelectronics |
5 / 20 page AME Rev.B.01 5 AME8819 Low Dropout 600mA CMOS Regulator n Ordering Information Operating Ambient Temperature Range Number of Pins Package Type Pin Configuration Special Feature1 AME8819 x x x x xxx x Output Voltage A: 1. IN E: -40OC to +85OC F: SOT-89 T: 3 180: V=1.8V Z: Green (SOT-89) 2. GND G: SOT-223 A: 8 250: V=2.5V (SOT-223) 3. OUT H: SOP 280: V=2.8V 285: V=2.85V B: 1.GND 290: V=2.9V (SOT-89) 2.IN 300: V=3.0V 3.OUT 310: V=3.1V 330: V=3.3V B: 1.GND 360: V=3.6V (SOT-223) 2.OUT ADJ: Adjustable 3.IN A: 1.EN (SOP-8) 2.IN 3.OUT 4.ADJ 5.GND 6.GND 7.GND 8.GND Special Feature 1 Pin Configuration Operating Ambient Temperature Range Package Type Number of Pins Output Voltage |
Similar Part No. - AME8819AEHT180Z |
|
Similar Description - AME8819AEHT180Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |