Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3031 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3031
Description  WHITE LED STEP-UP CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3031 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3031 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3031 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
7
Apr. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3031
Typical Performance Characteristics (Continued)
Figure 10. CTRL Pin Current vs. CTRL Pin Voltage
Figure 8. Shutdown Quiescent Current vs. Input Voltage
Figure 9. CTRL Pin Voltage vs. Temperature
Figure 11. Feedback Voltage vs. Temperature
24
68
10
12
14
16
40
45
50
55
60
65
70
75
80
85
Input Voltage (V)
T
A
= -40
oC
T
A
= 25
oC
T
A
= 85
oC
(WLED forward voltage (VF)=3.2V at IF=20mA, unless otherwise noted.)
-60
-40
-20
0
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Temperature (
oC)
2
4
6
8
101214
1618
20
40
60
80
100
120
140
160
180
200
220
CTRL Pin Voltage (V)
-60
-40
-20
0
20
40
60
80
100
120
140
188
190
192
194
196
198
200
202
204
206
208
210
212
Temperature (
oC)
I
OUT
= 20mA


Similar Part No. - AP3031

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3031 DIODES-AP3031 Datasheet
710Kb / 13P
   WHITE LED STEP-UP CONVERTER
December 2022 Rev. 2 - 2
logo
BCD Semiconductor Manuf...
AP3031A BCDSEMI-AP3031A Datasheet
261Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3031KTR-G1 DIODES-AP3031KTR-G1 Datasheet
710Kb / 13P
   WHITE LED STEP-UP CONVERTER
December 2022 Rev. 2 - 2
More results

Similar Description - AP3031

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com