Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCDRH124-390M Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH124-390M
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH124-390M Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH124-390M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.01.07
Size
A
B
C
D
Max.
Max.
mm
12.5
4.5
7.6
5.0
inches
0.492
0.18
0.299
0.197
PHYSICAL DIMENSIONS
A
B
D
C
Marking
(Inductance Code)
XXX
SPECIFICATIONS
Part numbers indicate tolerance available.
N = ±30% , M = ±20%
CTCDRH124F Please specify “F” for RoHS Compliant
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTCDRH124_-3R9N
3.9
100
.02
6.5
CTCDRH124_-4R7N
4.7
100
.02
5.7
CTCDRH124_-6R8N
6.8
100
.02
4.9
CTCDRH124_-8R2N
8.2
100
.03
4.6
CTCDRH124_-100M
10
100
.03
4.5
CTCDRH124_-120M
12
100
.04
4.0
CTCDRH124_-150M
15
100
.05
3.2
CTCDRH124_-180M
18
100
.06
3.1
CTCDRH124_-220M
22
100
.07
2.9
CTCDRH124_-270M
27
100
.08
2.8
CTCDRH124_-330M
33
100
.10
2.7
CTCDRH124_-390M
39
100
.13
2.1
CTCDRH124_-470M
47
100
.16
1.9
CTCDRH124_-560M
56
100
.19
1.8
CTCDRH124_-680M
68
100
.22
1.5
CTCDRH124_-820M
82
100
.26
1.3
CTCDRH124_-101M
100
100
.31
1.2
CTCDRH124_-121M
120
100
.38
1.1
CTCDRH124_-151M
150
100
.53
1.0
CTCDRH124_-181M
180
100
.62
0.9
CTCDRH124_-221M
220
100
.70
0.8
CTCDRH124_-271M
270
100
.87
0.6
CTCDRH124_-331M
330
100
.99
0.5
CTCDRH124 Series
From 3.9 µH to 330 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +80°C
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100 kHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #23F


Similar Part No. - CTCDRH124-390M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH124F CT-CTCDRH124F Datasheet
315Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH124-390M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com