Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCDRH127F-561J Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH127F-561J
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH127F-561J Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH127F-561J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.18.06
Size
A
B
C
D
mm
12.5
8
7.6±0.2
5±0.2
inches
0.492
0.314
0.3±0.007
0.2±0.007
PHYSICAL DIMENSIONS
A(max.)
B(max.)
D
C
Marking
(InductanceCode)
XXX
SPECIFICATIONS
Please specify tolerance code when ordering.
CTCDRH127-560_
J = ±5%, K = ±10% L = ±15% M = ±20%, N = +40% -20%
CTCDRH127F Please specify “F” for RoHS compliant
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(m
ΩΩ
)
(A)
CTCDRH127_-1R2N
1.2
100
7.0
9.80
CTCDRH127_-2R4N
2.4
100
11.5
8.00
CTCDRH127_-3R5N
3.5
100
13.5
7.50
CTCDRH127_-4R7N
4.7
100
15.8
6.80
CTCDRH127_-6R1N
6.1
100
17.6
6.60
CTCDRH127_-7R6N
7.6
100
20.0
5.90
CTCDRH127_-100M
10
1.0
21.6
5.40
CTCDRH127_-120M
12
1.0
24.3
4.90
CTCDRH127_-150M
15
1.0
27.0
4.50
CTCDRH127_-180M
18
1.0
39.2
3.90
CTCDRH127_-220M
22
1.0
43.2
3.60
CTCDRH127_-270M
27
1.0
45.9
3.40
CTCDRH127_-330M
33
1.0
64.8
3.00
CTCDRH127_-390M
39
1.0
72.9
2.75
CTCDRH127_-470M
47
1.0
100
2.50
CTCDRH127_-560_
56
1.0
110
2.35
CTCDRH127_-680_
68
1.0
140
2.10
CTCDRH127_-820_
82
1.0
160
1.95
CTCDRH127_-101_
100
1.0
220
1.70
CTCDRH127_-121_
120
1.0
250
1.60
CTCDRH127_-151_
150
1.0
280
1.42
CTCDRH127_-181_
180
1.0
350
1.30
CTCDRH127_-221_
220
1.0
390
1.16
CTCDRH127_-271_
270
1.0
560
1.06
CTCDRH127_-331_
330
1.0
640
0.95
CTCDRH127_-391_
390
1.0
700
0.88
CTCDRH127_-471_
470
1.0
980
0.79
CTCDRH127_-561_
560
1.0
1070
0.73
CTCDRH127_-681_
680
1.0
1460
0.67
CTCDRH127_-821_
820
1.0
1640
0.60
CTCDRH127_-102_
1000
1.0
1820
0.55
CTCDRH127 Series
From 1.2 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±15%, ±20%, +40% -20%
Testing: Inductance is tested on an HP4284A at specified
frequency
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
Available
ENGINEERING KIT #32F


Similar Part No. - CTCDRH127F-561J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH127F CT-CTCDRH127F Datasheet
441Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH127F-561J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com