Electronic Components Datasheet Search |
|
AME8819BEFT280Z Datasheet(PDF) 1 Page - Analog Microelectronics |
|
AME8819BEFT280Z Datasheet(HTML) 1 Page - Analog Microelectronics |
1 / 20 page AME Rev.B.01 1 AME8819 Low Dropout 600mA CMOS Regulator n General Description n Features n Applications n Functional Block Diagram (Fixed Version) The AME8819 is a CMOS linear regulator. It operated from 2.5V to 5.5V input voltage and delivers up to 600mA output current. The AME8819 provide low quiescent current (70uA typ) low dropout voltage (Vout=3.3V, 540mV @ 600mA typ), and excellent PSRR, thus marking them ideal for Data-Com- munications and battery applications. The AME8819 provide over temperature and over current protected functions. It is stable with an output capacitance of 2.2uF or larger. l Data-Communication l Laptop, Palmtops, Notebook computers l Battery Power Equipment l Handheld Device l PCMCIA Cards l Input voltage range is from 2.8V to 5.5V l Output voltage range is from 1.8V to 4.5V l Low Dropout: 540mV @ 600mA, V OUT = 3.3V l Guaranteed 600mA Drive Current l Factory Pre-set output voltage l Only 2.2 µF Output Capacitor Required for Stability (Low ESR MLCC is allowable) l Provided OTP, current limit l All AME’ s Green Products Meet RoHS Standards (Adjustable Version) IN Bandgap Reference Overcurrent Shutdown Thermal Shutdown OUT GND R1 R2 IN Bandgap Reference Overcurrent Shutdown Thermal Shutdown OUT GND ADJ R2 (external) R1 (external) EN |
Similar Part No. - AME8819BEFT280Z |
|
Similar Description - AME8819BEFT280Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |