Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43601 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE43601
Description  RF Digital Attenuator 6-bit, 15.75dB, DC-6.0 GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43601 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE43601 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43601 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product Specification
PE43601
Page 4 of 13
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0253-05
│ UltraCMOS™ RFIC Solutions
30
35
40
45
50
55
60
65
70
0
1000
2000
3000
4000
5000
6000
7000
Frequency (MHz)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
048
12
16
Attenuation Setting (dB)
+25C
-40C
+85C
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
04
8
12
16
Attenuation Setting (dB)
+25C
-40C
+85C
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
04
8
12
16
Attenuation Setting (dB)
+25 C
-40C
+85C
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
204060
80
Temperature (Deg. C)
900 MHz
1800 MHz
3000 MHz
Figure 15. Attenuation Error vs. Attenuation
Setting: 1800 MHz
Figure 13. Relative Phase vs. Temperature:
15.75 dB State
Figure 14. Attenuation Error vs. Attenuation
Setting: 900 MHz
Figure 16. Attenuation Error vs. Attenuation
Setting: 3000 MHz
Figure 17. Input IP3 vs. Frequency


Similar Part No. - PE43601

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601 Datasheet
413Kb / 13P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601 Datasheet
413Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601_15 Datasheet
413Kb / 13P
   RF Digital Attenuator
More results

Similar Description - PE43601

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43501 PEREGRINE-PE43501 Datasheet
383Kb / 13P
   RF Digital Attenuator 5-bit, 7.75dB, DC-6.0 GHz
PE43503 PEREGRINE-PE43503 Datasheet
429Kb / 11P
   RF Digital Attenuator 5-bit, 31dB, DC-6.0 GHz
PE43602 PEREGRINE-PE43602 Datasheet
431Kb / 11P
   RF Digital Attenuator 6-bit, 31.5dB, DC-5.0 GHz
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
   DC-30 GHz 6-bit Digital Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001_1 Datasheet
238Kb / 4P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAATGM0001-DIE MACOM-MAATGM0001-DIE Datasheet
333Kb / 7P
   DC-6.0 GHz Attenuator
logo
Peregrine Semiconductor...
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com