Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43602 Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE43602
Description  RF Digital Attenuator 6-bit, 31.5dB, DC-5.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43602 Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE43602 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Product Specification
PE43602
Page 11 of 11
Document No. 70-0248-05
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Sales Offices
The Americas
Peregrine Semiconductor Corporation
9380 Carroll Park Drive
San Diego, CA 92121
Tel: 858-731-9400
Fax: 858-731-9499
Europe
Peregrine Semiconductor Europe
Bâtiment Maine
13-15 rue des Quatre Vents
F-92380 Garches, France
Tel: +33-1-4741-9173
Fax : +33-1-4741-9173
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data
sheet contains design target specifications for product
development. Specifications and features may change in
any manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right
to change specifications at any time without notice in order
to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a CNF
(Customer Notification Form).
The information in this data sheet is believed to be reliable.
However, Peregrine assumes no liability for the use of this
information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in
devices or systems intended for surgical implant, or in other
applications intended to support or sustain life, or in any
application in which the failure of the Peregrine product could
create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including
consequential or incidental damages, arising out of the use of
its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks
and UltraCMOS, HaRP, MultiSwitch and DuNE are trademarks
of Peregrine Semiconductor Corp.
High-Reliability and Defense Products
Americas
San Diego, CA, USA
Phone: 858-731-9475
Fax: 848-731-9499
Europe/Asia-Pacific
Aix-En-Provence Cedex 3, France
Phone: +33-4-4239-3361
Fax: +33-4-4239-7227
Peregrine Semiconductor, Asia Pacific (APAC)
Shanghai, 200040, P.R. China
Tel: +86-21-5836-8276
Fax: +86-21-5836-7652
Peregrine Semiconductor, Korea
#B-2607, Kolon Tripolis, 210
Geumgok-dong, Bundang-gu, Seongnam-si
Gyeonggi-do, 463-943 South Korea
Tel: +82-31-728-3939
Fax: +82-31-728-3940
Peregrine Semiconductor K.K., Japan
Teikoku Hotel Tower 10B-6
1-1-1 Uchisaiwai-cho, Chiyoda-ku
Tokyo 100-0011 Japan
Tel: +81-3-3502-5211
Fax: +81-3-3502-5213


Similar Part No. - PE43602

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602 Datasheet
442Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43602 PEREGRINE-PE43602 Datasheet
442Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43602 PEREGRINE-PE43602_15 Datasheet
442Kb / 11P
   RF Digital Attenuator
More results

Similar Description - PE43602

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0007 MACOM-MAATCC0007 Datasheet
270Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0011 MACOM-MAATCC0011 Datasheet
329Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107_1 Datasheet
262Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0009 MACOM-MAATCC0009 Datasheet
326Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT65-0107 MACOM-AT65-0107_1 Datasheet
356Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-1107 MACOM-AT90-1107_1 Datasheet
664Kb / 6P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MACOM-MAATCC0005 Datasheet
289Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com