Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86013-0500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86013-0500
Description  STII Connectors & Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86013-0500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86013-0500 Datasheet HTML 1Page - Molex Electronics Ltd. 86013-0500 Datasheet HTML 2Page - Molex Electronics Ltd. 86013-0500 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STII* compatible bayonet coupling
with locking nut feature
Non-Optical Disconnect design
(NOD)
Low insertion loss:
< .34 dB typical MM
< .17 dB typical MM enhanced
< .15 dB typical SM
Variety of ferrules
- Pre-polished SM & MM ceramic PC
- Stainless steel
Features & Benefits
The Molex STII connector series offers a versatile coupling nut design which allows the STII connector to provide either
standard ST* or non-optical disconnect terminations.
This STII series of connectors is made of the latest engineering
polymers and metals. The series utilizes pre-radiused and pre-polished ceramic ferrules which minimize the polishing time
and provide a consistent ferrule end face geometry. Employing the Molex termination method and the pre-polished
connectors, consistent and economical terminations are readily achieved.
Connector-to-connector mating is achieved by using the standard ST bulkhead feed-through adapters. These adapters
combine a molded polymer or metal housing with either the extremely precise zirconia ceramic, the rugged phosphor bronze
or the economical polymer alignment sleeve.
*STII and ST are trademarks of Lucent Technologies
Optical Performance Distribution
Telecommunications
Local Area Networks (LAN's)
Data processing networks
Active device termination
Premise installations
Instrumentation
Applications
Insertion Loss Performance
(SM ferrule, 9/125µm fiber)
Insertion Loss Performance
(MM Enhanced ferrule, 62.5/125µm fiber)
STII Connectors & Adapters
20
15
10
5
0
Avg.: 0.17 dB
Std. Dev.: 0.06 dB
Insertion Loss (dB)
0
5
10
15
20
25
30
35
40
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Insertion Loss (dB)
Avg.: 0.15 dB
Std. Dev.: 0.05 dB
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber


Similar Part No. - 86013-0500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8601301EA TI-8601301EA Datasheet
353Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
8601301EA TI-8601301EA Datasheet
638Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
logo
Wurth Elektronik GmbH &...
860130272001 WURTH-860130272001 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130273002 WURTH-860130273002 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130274003 WURTH-860130274003 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
More results

Similar Description - 86013-0500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com