Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86180-3001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 86180-3001
Description  Fiber Optic MT and MTP / MPO Cable Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86180-3001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  86180-3001 Datasheet HTML 1Page - Molex Electronics Ltd. 86180-3001 Datasheet HTML 2Page - Molex Electronics Ltd. 86180-3001 Datasheet HTML 3Page - Molex Electronics Ltd. 86180-3001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering Guide
-
-
-
-
-
1. Optical Fiber
Customer desires a 62.5/125µm 12 fiber ribbon
cable type OFNR jumper terminated with a male
MTP connector and 12 SC connectors. The
overall length is 20 meters with a break out
length of 0.5 meters using 900µm jacketed
fanout.
Ordering Format:
MXBRH-PMM-FAB-M020-A000-R0.5
Example 1
Customer desires a 62.5/125µm 8 fiber bare
ribbon jumper terminated with a male MT and a
female MT connector. The length is 3 feet.
Ordering Format:
MXBRB-MMM-MFM-F003-A000-A000
Example 2
Fiber Optic
MT and MTP* / MPO Cable Assemblies
Breakout Length
End 2
(Dimension C)
7. Unit of Measure*
*Numeric values must be
consistent
C - Centimeters
F - Feet
I - Inches
M - Meters
1. Optical Fiber
A - Multimode, 50/125µm
B - Multimode, 62.5/125µm
D - Singlemode, 9/125µm
Conversion Chart
5. Connector Style End 2
AA - STcompatible, polymer coupling nut
AB - ST compatible, metal coupling nut
AC - ST compatible, 90º
boot,
metal coupling nut
BA - STIIcompatible
DA - FDDI, black housing
DB - ESCONcompatible
EA - FC
EB - FC/APC, standard key
EC - FC/APC, tight fit key
FA - SC, standard
FB - SC, black housing, black boot
FC - SC, red housing, red boot
FD - SC, black housing, 90° black boot
FE - SC, red housing, 90° red boot
FF - SC/APC, green housing, green boot
FG - SC Duplex
GA - BSC
GB - BSC/APC
GC - BSCII
GD - BSCII/APC
HC - LC connector
MM - MT compatible, male
MF - MT compatible, female
PH - BMTP pin holder, male
PM - MTP/MPO compatible, male
PF - MTP/MPO compatible, female
ZZ - No connector (for End 2 only)
From
to
Multiply by
meter
inch
39.37
meter
foot
3.281
centimeter
inch
.394
meter
centimeter
100
3. Connector Style End 1
MM - MT compatible, male
MF - MT compatible, female
PM - MTP/MPO compatible, male
PF - MTP/MPO compatible, female
4. Finish End 1
M - Flat
P - Angle (singlemode)
Q - "Enhanced" angle (singlemode)
2. Cable Construction
RA - Bare ribbon fiber, 4 fibers
RB - Bare ribbon fiber, 8 fibers
RC - Bare ribbon fiber, 10 fibers
RD - Bare ribbon fiber, 12 fibers
RE - Ribbon cable, OFNR, 4 fibers
RF - Ribbon cable, OFNR, 8 fibers
RG - Ribbon cable, OFNR, 10 fibers
RH - Ribbon cable, OFNR, 12 fibers
6. Finish End 2
A - Multimode, ceramic ferrule, standard PC+
B - Multimode, ceramic ferrule, enhanced PC
C - Singlemode, RL > 45 dB, super PC
D - Singlemode, RL > 55 dB, ultra PC
E - Singlemode, RL > 70 dB, APC
F - Multimode, stainless steel
M - Flat
P - Angle (SM)
Q - "Enhanced" angle (SM)
Z - No connector (for End 2 only)
8. Breakout Style End 2
A - No breakout
R - Ribbon to 900µm
2. Cable Construction
4. Finish End 1
8. Breakout Style End 2
Length
(Dimension A)
7. Unit of
Measure
6 Finish End 2
5. Connector Style End 2
3. Connector Style End 1
†ST and STII are registered trademarks of Lucent Technologies
‡ESCON is a registered trademark of International Business Machines Corporation
MX A AA
AA A
AA A
A NNN
A OOO A NNN


Similar Part No. - 86180-3001

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8618 FILTRAN-8618 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
API Technologies Corp
8618 APITECH-8618 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
Belden Inc.
8618 BELDEN-8618 Datasheet
190Kb / 2P
   Electronic, 3 C #16 Str TC, PE Ins, OS, PVC Jkt, CL3
01-20-2023
8618-0601000 BELDEN-8618-0601000 Datasheet
190Kb / 2P
   Electronic, 3 C #16 Str TC, PE Ins, OS, PVC Jkt, CL3
01-20-2023
8618-060500 BELDEN-8618-060500 Datasheet
190Kb / 2P
   Electronic, 3 C #16 Str TC, PE Ins, OS, PVC Jkt, CL3
01-20-2023
More results

Similar Description - 86180-3001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106005-1100 MOLEX-106005-1100 Datasheet
650Kb / 2P
   MPO Fiber Optic Loopback Assemblies
logo
Tripp Lite. All Rights ...
N84403M12P TRIPPLITE-N84403M12P Datasheet
517Kb / 2P
   MTP-MPO Patch Cable, 12 Fiber, 40GbE
N84410M12P TRIPPLITE-N84410M12P Datasheet
517Kb / 2P
   MTP/MPO Patch Cable, 12 Fiber, 40GbE
N84402M12P TRIPPLITE-N84402M12P Datasheet
518Kb / 2P
   MTP-MPO Patch Cable, 12 Fiber, 40GbE
N844-LOOP-12F TRIPPLITE-N844-LOOP-12F Datasheet
157Kb / 2P
   MTP / MPO Fiber Optic Loopback Tester (Multimode 50/125um, OM3) - Female
N84402M8LCP TRIPPLITE-N84402M8LCP Datasheet
493Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84405M8LCP TRIPPLITE-N84405M8LCP Datasheet
493Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84403M8LCP TRIPPLITE-N84403M8LCP Datasheet
492Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84602M24P TRIPPLITE-N84602M24P Datasheet
521Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84601M24P TRIPPLITE-N84601M24P Datasheet
522Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com