Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86013-5100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86013-5100
Description  STII Connectors & Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86013-5100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86013-5100 Datasheet HTML 1Page - Molex Electronics Ltd. 86013-5100 Datasheet HTML 2Page - Molex Electronics Ltd. 86013-5100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Performance and Specifications
STII Connector, 3.0mm Boot Style
Characteristics
Units
Min.
Typ.
Max.
Comments
Durability
~dB
-
-
0.11
EIA/TIA - 455 - 21A, 200 cycles, clean every
25 cycles
Temperature Range:
Storage
ºC
-40
-
+80
May be further limited by cable specifications
Operating
ºC
-40
-
+80
May be further limited by cable specifications
Thermal Aging
~dB
-
-
.04
EIA/TIA - 455 - 4A, 85ºC 14 days
Temperature Cycling
~dB
-
-
.09
EIA/TIA - 455 - 3A, -40ºC to +75ºC, 42 cycles
Humidity Cycling
~dB
-
-
.06
EIA/TIA - 455 - 5A, 95% RH 60ºC 14 days
Vibration
~dB
-
-
.02
EIA/TIA - 455 - 11A, 10 to 50 Hz, 2 hrs./axis
Flex Test
~dB
-
-
.02
Telcordia 326, 0.9 Kg, 100 cycles
Twist Test
~dB
-
-
.02
Telcordia 326, 1.35 Kg load
Proof Test
~dB
-
-
.02
Telcordia 326, 4.5 Kg. at 90º, 6.8 Kg at 0º
Straight Pull Test
~dB
-
-
.06
Telcordia 326, 4.5 Kg load
Side Pull Test
~dB
-
-
.33
Telcordia 326, 2.3 Kg load
Stability
~dB
-
-
.09
Telcordia 326, .45 Kg at 90º, 60º, 30º & 0º
Impact
~dB
-
-
.02
EIA/TIA - 455 - 2A, 1.5 M drop, 8 cycles
STII Connectors & Adapters
0.372
09.4
0.098
2.5
D
BUFFERED FIBER
1.800
45.7
0.310
7.9
0.372
09.4
0.310
7.9
0.098
2.5
D
CABLE
1.901
48.3
STII Connector, 900µm Boot Style
Mechanical Dimensions
All dimensions in
INCHES
mm


Similar Part No. - 86013-5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8601301EA TI-8601301EA Datasheet
353Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
8601301EA TI-8601301EA Datasheet
638Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Magnitude Comparator
logo
Wurth Elektronik GmbH &...
860130272001 WURTH-860130272001 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130273002 WURTH-860130273002 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130274003 WURTH-860130274003 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
More results

Similar Description - 86013-5100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com