Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCMH3223F-1 Datasheet(PDF) 1 Page - Central Technologies

Part # CTCMH3223F-1
Description  Toroids - Radial Leaded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCMH3223F-1 Datasheet(HTML) 1 Page - Central Technologies

  CTCMH3223F-1 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroids - Radial Leaded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.18.08
SPECIFICATIONS
CTCMH32xxF Please specify “F” for RoHS Compliant
Inductance
Current
Leakage
DCR
SRF.
Lead
Min.
Rating
Ind. Max.
Max.
Typ.
Dia. Nom.
Part Number
(mH)
(Amp.)
(µH)
(m
Ω
Ω)
(MHz)
(mm)
CTCMH3219_-1
10.8
1.3
165
290
0.125
1.29
CTCMH3220_-1
7.0
2.0
100
150
0.225
1.29
CTCMH3221_-1
3.7
3.2
60
80
0.400
1.29
CTCMH3222_-1
2.2
5.0
35
40
0.600
1.29
*CTCMH3223_-1
1.1
8.1
20
20
0.900
1.02
*CTCMH3224_-1
0.580
13.0
10
10
1.150
1.29
CTCMH
Toroidal Common Mode Choke
From 0.580 mH to 10.8 mH
CHARACTERISTICS
Description: High inductance through-hole toroidal inductor.
Applications: For use in linear power supply filers, power line filters, as well as
the ability to suppress EMI in switch mode supplies.
Operating Temperature: -40°C to +85°C
Testing: Tested on an HP4284A at 10 kHz 0.25 Vrms
Electrical Specification: @ 25°C
Header Material: Plastic - meets UL94V-0
Insulation Material: Rates 130°C minimum
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical information available
upon request
Samples available. See website for ordering information.
* = Self Leaded
Not shown at actual size.
PHYSICAL DIMENSIONS
3.0Min.
Dimensions in mm
35.6Max.
35.6Max.
1
2
22.86Max.
2
3
3.05Min.
1
2
3
22.86
Tolerance ±0.25
Footprint
4


Similar Part No. - CTCMH3223F-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
   SMD Common Mode Choke
CTCMC0905F CT-CTCMC0905F Datasheet
93Kb / 1P
   Common Mode Chokes
CTCMD4D06 CT-CTCMD4D06 Datasheet
178Kb / 1P
   Power Inductors
CTCMD4D06-100M CT-CTCMD4D06-100M Datasheet
178Kb / 1P
   Power Inductors
CTCMD4D06-150M CT-CTCMD4D06-150M Datasheet
178Kb / 1P
   Power Inductors
More results

Similar Description - CTCMH3223F-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCMS CT-CTCMS Datasheet
164Kb / 1P
   Toroids - Radial Leaded
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com